Moteur de recherche de fiches techniques de composants électroniques |
|
CAT28C010HNI-15T Fiches technique(PDF) 8 Page - Catalyst Semiconductor |
|
CAT28C010HNI-15T Fiches technique(HTML) 8 Page - Catalyst Semiconductor |
8 / 10 page Advanced Information CAT28C010 8 Doc. No. 25093-00 7/99 P-1 DATA DATA DATA DATA DATA Polling DATA polling is provided to indicate the completion of write cycle. Once a byte write or page write cycle is initiated, attempting to read the last byte written will output the complement of that data on I/O7 (I/O0–I/O6 are indeterminate) until the programming cycle is com- plete. Upon completion of the self-timed write cycle, all I/O’s will output true data during a read cycle. Toggle Bit In addition to the DATA Polling feature of the CAT28C010, the device offers an additional method for determining the completion of a write cycle. While a write cycle is in progress, reading data from the device will result in I/O6 toggling between one and zero. However, once the write is complete, I/O6 stops toggling and valid data can be read from the device. Figure 7. DATA Polling Figure 8. Toggle Bit Note: (1) Beginning and ending state of I/O6 is indeterminate. ADDRESS 28C010 F10 CE WE OE I/O7 DIN = X DOUT = X DOUT = X tOE tOEH tWC tOES 28C010 F11 WE CE OE I/O6 tOEH tOE tOES tWC (1) (1) |
Numéro de pièce similaire - CAT28C010HNI-15T |
|
Description similaire - CAT28C010HNI-15T |