Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G14GM Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVC1G14GM
Description  Single Schmitt-trigger inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G14GM Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G14GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2004 Sep 10
6
Philips Semiconductors
Product specification
Single Schmitt-trigger inverter
74LVC1G14
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C
VOL
LOW-level output voltage VI =VCC or GND
IO = 100 µA
1.65 to 5.5
−−
0.1
V
IO = 4 mA
1.65
−−
0.45
V
IO = 8 mA
2.3
−−
0.3
V
IO = 12 mA
2.7
−−
0.4
V
IO = 24 mA
3.0
−−
0.55
V
IO = 32 mA
4.5
−−
0.55
V
VOH
HIGH-level output
voltage
VI =VCC or GND
IO = −100 µA
1.65 to 5.5
VCC − 0.1
−−
V
IO = −4 mA
1.65
1.2
−−
V
IO = −8 mA
2.3
1.9
−−
V
IO = −12 mA
2.7
2.2
−−
V
IO = −24 mA
3.0
2.3
−−
V
IO =−32 mA
4.5
3.8
−−
V
ILI
input leakage current
VI = 5.5 V or GND 3.6
−±0.1
±5
µA
Ioff
power OFF leakage
current
VI or VO = 5.5 V
0
−±0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0A
5.5
0.1
10
µA
∆ICC
additional quiescent
supply current per pin
VI =VCC − 0.6 V;
IO =0A
2.3 to 5.5
5
500
µA


Numéro de pièce similaire - 74LVC1G14GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G14GM NXP-74LVC1G14GM Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14GM PHILIPS-74LVC1G14GM Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Nexperia B.V. All right...
74LVC1G14GM NEXPERIA-74LVC1G14GM Datasheet
290Kb / 19P
   Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
74LVC1G14GM-Q100 NEXPERIA-74LVC1G14GM-Q100 Datasheet
253Kb / 15P
   Single Schmitt trigger inverter
Rev. 7 - 20 January 2022
More results

Description similaire - 74LVC1G14GM

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com