Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8XC51RB Fiches technique(PDF) 3 Page - Intel Corporation

No de pièce 8XC51RB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

8XC51RB Fiches technique(HTML) 3 Page - Intel Corporation

  8XC51RB Datasheet HTML 1Page - Intel Corporation 8XC51RB Datasheet HTML 2Page - Intel Corporation 8XC51RB Datasheet HTML 3Page - Intel Corporation 8XC51RB Datasheet HTML 4Page - Intel Corporation 8XC51RB Datasheet HTML 5Page - Intel Corporation 8XC51RB Datasheet HTML 6Page - Intel Corporation 8XC51RB Datasheet HTML 7Page - Intel Corporation 8XC51RB Datasheet HTML 8Page - Intel Corporation 8XC51RB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
8XC51RARBRC
PROCESS INFORMATION
This device is manufactured on P6295 a CHMOS
III-E process Additional process and reliability infor-
mation is available in Intel’s
Components Quality
and Reliability Handbook Order No 210997
PACKAGES
Part
Prefix
Package Type
8XC51RX
P
40-Pin Plastic DIP (OTP)
8XC51RX
N
44-Pin PLCC (OTP)
8XC51RX
S
44-Pin QFP (OTP)
272659 – 1
DIP
272659 – 2
PLCC
272659 – 3
Do not connect reserved pins
QFP
Figure 2 Pin Connections
3


Numéro de pièce similaire - 8XC51RB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
8XC51RB PHILIPS-8XC51RB Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51RB++ PHILIPS-8XC51RB+ Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51RB++ NXP-8XC51RB+ Datasheet
238Kb / 32P
   80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
More results

Description similaire - 8XC51RB

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com