Moteur de recherche de fiches techniques de composants électroniques |
|
TL16C550DPT Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TL16C550DPT Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 50 page TL16C550D, TL16C550DI ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL SLLS597C − APRIL 2004 − REVISED JUNE 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 RHB PACKAGE (TOP VIEW) 23 22 21 20 19 12 25 26 27 28 29 30 31 32 16 15 14 13 12 11 10 9 NC NC RD1 VSS WR1 XOUT XIN NC DSR DCD RI VCC D0 D1 D2 D3 24 18 34 5 67 8 17 NC − No internal connection The TL16C550D is being made available in a reduced pin count package, the 32-pin RHB package. This is accomplished by eliminating some signals that are not required for some applications. These include the CS0, CS1, ADS, RD2, WR2, and RCLK input signals and the DDIS, TXRDY, RXRDY, OUT1, OUT2, and BAUDOUT output signals. There is an internal connection between BAUDOUT and RCLK. All of the functionality of the TL16C550D is maintained in the RHB package. |
Numéro de pièce similaire - TL16C550DPT |
|
Description similaire - TL16C550DPT |