Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP270D Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TLP270D
Description  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP270D Fiches technique(HTML) 6 Page - Toshiba Semiconductor

  TLP270D Datasheet HTML 1Page - Toshiba Semiconductor TLP270D Datasheet HTML 2Page - Toshiba Semiconductor TLP270D Datasheet HTML 3Page - Toshiba Semiconductor TLP270D Datasheet HTML 4Page - Toshiba Semiconductor TLP270D Datasheet HTML 5Page - Toshiba Semiconductor TLP270D Datasheet HTML 6Page - Toshiba Semiconductor TLP270D Datasheet HTML 7Page - Toshiba Semiconductor TLP270D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP270D
2002-09-25
6
Darlington Transistor
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector
-base voltage
VCBO
30
V
Collector
-emitter voltage
VCEO
30
V
Emitter
-base voltage
VEBO
10
V
Collector current
IC
0.15
A
Base current
IB
20
mA
Collector power dissipation
PC
350
mW
Junction temperature
Tj
125
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector off current
ICBO
VCB=30V, IE=0
10
mA
Emitter off current
IEBO
VEB=10V, IC=0
10
mA
Collector
-emitter breakdown
voltage
V(BR)CEO
IC=10mA, IB=0
30
V
DC current gain
hFE
VCE=2V, IC=150mA
4000
Collector
-emitter saturation
voltage
VCE(sat)
IC=0.15A, IB=1mA
1.5
V
Turn
-on time
ton
0.20
Storage time
tstg
0.6
Switching
time
Fall time
tf
IB=1mA, VCC=15V,
RL=15W
0.3
ms
Bridge Rectifier
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average output rectified current
IO
0.15
A
Peak one cycle surge forward
current
IFSM
0.5
A
Junction temperature
Tj
125
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VFM
IFM=0.12A
1.7
V
Repetitive peak reverse
current
IRRM
VRRM=rated
10
mA


Numéro de pièce similaire - TLP270D

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP2703 TOSHIBA-TLP2703 Datasheet
675Kb / 17P
   Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.6.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
logo
STMicroelectronics
TLP270G STMICROELECTRONICS-TLP270G Datasheet
157Kb / 14P
   TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
TLP270G-1 STMICROELECTRONICS-TLP270G-1 Datasheet
157Kb / 14P
   TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
TLP270M STMICROELECTRONICS-TLP270M Datasheet
157Kb / 14P
   TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
More results

Description similaire - TLP270D

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP200D TOSHIBA-TLP200D Datasheet
266Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP3540 TOSHIBA-TLP3540 Datasheet
112Kb / 4P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP206G TOSHIBA-TLP206G Datasheet
162Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com