Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8130-EVAL Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8130-EVAL
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8130-EVAL Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8130-EVAL Datasheet HTML 5Page - Analog Devices AD8130-EVAL Datasheet HTML 6Page - Analog Devices AD8130-EVAL Datasheet HTML 7Page - Analog Devices AD8130-EVAL Datasheet HTML 8Page - Analog Devices AD8130-EVAL Datasheet HTML 9Page - Analog Devices AD8130-EVAL Datasheet HTML 10Page - Analog Devices AD8130-EVAL Datasheet HTML 11Page - Analog Devices AD8130-EVAL Datasheet HTML 12Page - Analog Devices AD8130-EVAL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. 0
AD8129/AD8130
–9–
0.8
0.6
0.4
0.2
0
–0.2
0.2
0
–0.2
–0.4
–0.6
1
10
100
300
FREQUENCY – MHz
G = 10
VS = 5V
SOIC
SOIC
2k /221
909 /100
499 /54.9
2k /221
909 /100
499 /54.9
TPC 28. AD8129 Fine Scale Response
vs. SOIC and
µSOIC for Various RF/RG
FREQUENCY – MHz
3
1
300
10
100
0
–3
–4
–5
–6
–7
–2
–1
1
2
G = 20
RL = 150
VS = 5V, 12V
VS = 2.5V
TPC 31. AD8129 Frequency Response
vs. Supply, G = 20, RL = 150
FREQUENCY – MHz
3
0.1
50
110
0
–3
–4
–5
–6
–7
–2
–1
1
2
RL = 150
VS = 2.5V
VS = 5V
VS = 12V
G = 50
G = 100
TPC 34. AD8129 Frequency Response
vs. Supply, G = 50, G = 100,
RL = 150
FREQUENCY – MHz
0.2
1
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
10
30
G = 20
RL = 1k
VS = 2.5V
VS = 5V
VS = 12V
TPC 29. AD8129 Fine Scale Response
vs. Supply
FREQUENCY – MHz
0.2
0.1
110
–0.1
–0.4
–0.5
–0.6
–0.7
–0.8
–0.3
–0.2
0
0.1
VOUT = 2V p-p
VS = 2.5V
VS = 5V
G = 100
VS = 12V
G = 50
VS = 12V
TPC 32. AD8129 Fine Scale Response
vs. Supply, G = 50, G = 100,
VOUT = 2 V p-p
FREQUENCY – MHz
12
10
6
0
–6
–12
–18
–24
–30
–36
–42
–48
100
400
VS = 5V
0dB = 1V RMS
TPC 35. AD8129 Frequency Response
for Various Output Levels
FREQUENCY – MHz
0.3
0.1
30
110
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
G = 20
RL = 150
VS = 2.5V
VS = 5V, 12V
TPC 30. AD8129 Fine Scale Response
vs. Supply
FREQUENCY – MHz
3
0.1
50
110
0
–3
–4
–5
–6
–7
–2
–1
1
2
VOUT = 2V p-p
VS = 2.5V
VS = 5V
VS = 12V
G = 50
G = 100
TPC 33. AD8129 Frequency Response
vs. Supply, G = 50, G = 100,
VOUT = 2 V p-p
1
8
4
5
6
RF
RG
TEK P6245
FET PROBE
10
20
50
100
RF
GRG
2k
2k
2k
2k
221
105
41.2
20
RL
CL
50
TPC 36. AD8129 Basic Frequency
Response Test Circuit


Numéro de pièce similaire - AD8130-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8130 AD-AD8130 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR AD-AD8130AR Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL AD-AD8130AR-REEL Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL7 AD-AD8130AR-REEL7 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130ARM AD-AD8130ARM Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

Description similaire - AD8130-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com