Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE992 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE992
Description  Integrated Circuit Quad, Single Supply Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE992 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE992 Datasheet HTML 1Page - NTE Electronics NTE992 Datasheet HTML 2Page - NTE Electronics NTE992 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC = +15V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Slew Rate
Positive Output Swing
SR
CL = 100pF, RL = 2kΩ
0.5
V/
µs
Negative Output Swing
20
V/
µs
Unity Gain Bandwidth
BW
4.0
MHz
Output Voltage Swing (Note 6)
VOH
VCC = +15V,
Vout High (Iin– = 0, Iin+ = 0
13.5
14.2
V
VOL
RL = 2kΩ
Vout Low (Iin– = 10µA, Iin+ = 0
0.03
0.2
V
VOH
VCC = Max Rating, RL = R,
Vout High (Iin– = 0, Iin+ = 0)
25.5
V
Output Current
Source
Isource
5.0
10.0
mA
Sink (Note 2)
Isink
0.5
0.87
mA
Low Level Output Current
IOL
Iin– = 5µA, VOL = 1V
5.0
mA
Supply Current (All Four Amps)
Non–Inverting Inputs Open
IDO
6.9
10.0
mA
Non–Inverting Inputs Grounded
IDG
7.8
14.0
mA
Power Supply Rejection
PSRR
f = 100Hz
55
dB
Mirror Gain
Ai
Iin+ = 20µA
TA = –40° to +85°C, Note 3
0.90
1.0
1.1
µA
Iin+ = 200µA
0.90
1.0
1.1
µA
∆ Mirror Gain
∆Ai
20
µA ≤ Iin+ ≤ 200µA, TA = –40° to +85°C,
Note 3
2.0
5.0
%
Mirror Current
TA = –40° to +85°C
10
500
µA
Negative Input Current
Note 5
1.0
mA
Note 2. Sink current is specified for linear operation. When the device is used as a comparator (non–
linear operation) where the inverting input is overdriven, the sink current (low level output
current) capability is typically 5mA.
Note 3. This specification indicates the current gain of the current mirror which is used as the non–
inverting input.
Note 4. Input VBE match between the non–inverting and inverting inputs occurs for a mirror current
(non–inverting input current) of approximately 10
µA.
Note 5. Clamp transistors are included to prevent the input voltages from swinging below GND more
than approximately –0.3V. The negative input currents that may result from large signal ov-
erdrive with capacitance input coupling must be limited externally to values of approximately
1mA. Negative input currents in excess of 4mA will cause the output to drop to a low voltage.
These values apply for any one of the input terminals. If more than one of the input terminals
are simultaneously driven negative, maximum currents are reduced. Common–mode bias-
ing can be used to prevent negative input voltages.
Note 6. When used as a non–inverting amplifier, the minimum output voltage is the VBE of the invert-
ing input transistor.


Numéro de pièce similaire - NTE992

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE99 NTE-NTE99 Datasheet
27Kb / 3P
   Silicon NPN Transistor Darlington w/Base-Emitter Speed-up Diode
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier
NTE9936 NTE-NTE9936 Datasheet
56Kb / 2P
   Integrated Circuit DTL, Hex Inverter
NTE994M NTE-NTE994M Datasheet
23Kb / 3P
   Integrated Circuit Voltage Controlled Oscillator
NTE995 NTE-NTE995 Datasheet
30Kb / 4P
   Integrated Circuit Frequency-to-Voltage Converter
More results

Description similaire - NTE992

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE997 NTE-NTE997 Datasheet
24Kb / 3P
   Integrated Circuit Quad Operational Amplifier
NTE948 NTE-NTE948 Datasheet
25Kb / 3P
   Integrated Circuit Quad Operational Amplifier
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
NJM2902M-TE1 NJRC-NJM2902M-TE1 Datasheet
310Kb / 6P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
logo
Renesas Technology Corp
UPC452 RENESAS-UPC452 Datasheet
493Kb / 8P
   Single Power Supply Quad Operational Amplifier
2019.1.17
logo
Burr-Brown (TI)
OPA4243 BURR-BROWN-OPA4243 Datasheet
97Kb / 7P
   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com