Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE992 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE992
Description  Integrated Circuit Quad, Single Supply Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE992 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE992 Datasheet HTML 1Page - NTE Electronics NTE992 Datasheet HTML 2Page - NTE Electronics NTE992 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE992
Integrated Circuit
Quad, Single Supply Operational Amplifier
Description:
The NTE992 is an internally compensated Norton operational amplifier in a 14–Lead DIP type pack-
age designed specifically for single positive power supply applications found in industrial control sys-
tems and automotive electronics. This device contains four independent amplifiers – making it ideal
for applications such as active filters, multi–channel amplifiers, tachometers, oscillators, and other
similar usages.
Features:
D Single–Supply Operation
D Internally Compensated
D Wide Unity Gain Bandwidth: 4MHz Typ
D Low Input Bias Current: 50nA Typ
D High Open–Loop Gain: 1000V/V Min
D Large Output Voltage Swing: (VCC –1) VP–P
Absolute Maximum Ratings:
Supply Voltage, VCC
28V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Currents (Iin+ or Iin–), Iin
5mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IO
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +25°C), PD
625mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
5mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature, TA
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = +15V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Open–Loop Voltage Gain
AVOL
f = 100Hz, RL = 5kΩ, Note 1
1.2
2.0
V/mV
Input Resistance (Inverting Input)
ri
1.0
M
Output Resistance
rO
8.0
k
Input Bias Current (Inverting Input)
IIB
50
300
nA
Note 1. Open–loop voltage gain is defined as voltage gain from the inverting input to the output.


Numéro de pièce similaire - NTE992

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE99 NTE-NTE99 Datasheet
27Kb / 3P
   Silicon NPN Transistor Darlington w/Base-Emitter Speed-up Diode
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier
NTE9936 NTE-NTE9936 Datasheet
56Kb / 2P
   Integrated Circuit DTL, Hex Inverter
NTE994M NTE-NTE994M Datasheet
23Kb / 3P
   Integrated Circuit Voltage Controlled Oscillator
NTE995 NTE-NTE995 Datasheet
30Kb / 4P
   Integrated Circuit Frequency-to-Voltage Converter
More results

Description similaire - NTE992

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE997 NTE-NTE997 Datasheet
24Kb / 3P
   Integrated Circuit Quad Operational Amplifier
NTE948 NTE-NTE948 Datasheet
25Kb / 3P
   Integrated Circuit Quad Operational Amplifier
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
NJM2902M-TE1 NJRC-NJM2902M-TE1 Datasheet
310Kb / 6P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
logo
Renesas Technology Corp
UPC452 RENESAS-UPC452 Datasheet
493Kb / 8P
   Single Power Supply Quad Operational Amplifier
2019.1.17
logo
Burr-Brown (TI)
OPA4243 BURR-BROWN-OPA4243 Datasheet
97Kb / 7P
   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com