Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2350PW Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2350PW
Description  HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2350PW Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2350PW Datasheet HTML 1Page - Texas Instruments TPS2350PW Datasheet HTML 2Page - Texas Instruments TPS2350PW Datasheet HTML 3Page - Texas Instruments TPS2350PW Datasheet HTML 4Page - Texas Instruments TPS2350PW Datasheet HTML 5Page - Texas Instruments TPS2350PW Datasheet HTML 6Page - Texas Instruments TPS2350PW Datasheet HTML 7Page - Texas Instruments TPS2350PW Datasheet HTML 8Page - Texas Instruments TPS2350PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS2350
SLUS574A − JULY 2003 − REVISED SEPTEMBER 2003
3
www.ti.com
ELECTRICAL CHARACTERISTICS
−VINA = −48 V, −VINB = 0 V, UV = 2.5 V, OV = 0.5 V, SENSE = 0 V, RAMP = 0 V, SOURCE = more negative of –VINA
and –VINB, all outputs unloaded, TA = −40 _C to 85 _C (unless otherwise noted)†‡
Input Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1A
Supply current
−VINA = −48 V, −VINB = 0 V
1000
1500
ICC2A
Supply current
−VINA = −80 V, −VINB = 0 V
2000
A
ICC1B
Supply current
−VINB = −48 V, −VINA = 0 V
1000
1500
µA
ICC2B
Supply current
−VINB = −80 V, −VINA = 0 V
2000
VUVLO_I Internal UVLO threshold voltage
To GAT pull up
−11.8
−10
−8.0
V
VHYST
Internal UVLO hysteresis voltage
50
240
500
mV
Overvoltage and Undervoltage Inputs (OV and UV)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
To GAT pull up, 25
_C
1.391
1.400
1.409
VTHUV
UV threshold voltage, UV rising, to –VINA
To GAT pull up, 0 to 70
_C
1.387
1.400
1.413
V
VTHUV
UV threshold voltage, UV rising, to –VINA
To GAT pull up, −40 to 85
_C
1.384
1.400
1.419
V
IHYSUV
UV hysteresis
UV = −45.5 V
−11
−10
−9
A
IILUV
UV low−level input current
UV = −47 V
−1
1
µA
VTHOV
OV threshold voltage, OV rising, to −VINA
To GAT pull up
1.376
1.400
1.426
V
IHYSOV
OV hysteresis
OV = −45.5 V
−11.1
−10
−8.6
A
IILOV
OV low−level input current
OV = −47 V
−1
1
µA
Linear Curent Amplifier (LCA)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output, GAT−SOURCE
SENSE = SOURCE
11
14
17
V
ISINK_f GAT sink current in fault
SENSE – SOURCE = 80 mV, GAT = −43
V, FLTTIME = 5 V
30
75
mA
ISINK_l GAT sink current in linear mode
SENSE – SOURCE = 80 mV, GAT =
−43 V, FLTTIME = 2 V
5
10
mA
IIN
SENSE input current
0.0 V < SENSE – SOURCE < 0.2 V
−1
1
µA
VREF_K
Reference clamp voltage, SENSE −
SOURCE
RAMP – SOURCE = 6 V
34
42
50
mV
VIO
Input offset voltage, SENSE − SOURCE
RAMP – SOURCE = 0 V
−7
9
mV
Ramp Generator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISRC1
RAMP source current, slow turn-on rate
RAMP − SOURCE = 0.25 V
−800
−550
−300
nA
ISRC2
RAMP source current, normal rate
RAMP − SOURCE = 1 V and 3 V
−11.3
−10
−8.5
µA
VOL
Low-level output voltage
UV = SOURCE
5
mV
AV
Voltage gain, relative to SENSE
0 V < RAMP − SOURCE < 5 V
9.5
10
10.7
mV/V
† All voltages are with respect to RTN unless otherwise stated.
‡ Currents are positive into and negative out of the specified terminal.


Numéro de pièce similaire - TPS2350PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2350PW TI1-TPS2350PW Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350PWG4 TI1-TPS2350PWG4 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350PWR TI1-TPS2350PWR Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350PWRG4 TI1-TPS2350PWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
More results

Description similaire - TPS2350PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Texas Instruments
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21