Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7WZ08FU Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC7WZ08FU
Description  2 Input and Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ08FU Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC7WZ08FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ08FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ08FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ08FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ08FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ08FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ08FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WZ08FU/FK
2002-01-16
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7WZ08FU,TC7WZ08FK
2 Input and Gate
Features
· High output drive: ±24 mA (min) @VCC = 3 V
· Super high speed operation: tpd 2.4 ns (typ.) @VCC = 5 V,
50 pF
· Operation voltage range: VCC (opr) = 1.65~5.5 V
· Latch-up performance: ±500 mA or more
· ESD performance: ±200 V or more (JEITA)
±2000 V or more (MIL)
· Power down protection is provided on all inputs and outputs.
· Matches the performance of TC74LCX series when operated
at 3.3 V VCC.
Marking
Maximum Ratings (Ta
==== 25°C)
Pin Assignment (top view)
TC7WZ08FU
TC7WZ08FK
Weight
SSOP8-P-0.65
: 0.02 g (typ.)
SSOP8-P-0.50A
: 0.01 g (typ.)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
-0.5~6
V
DC input voltage
VIN
-0.5~6
V
DC output voltage
VOUT
-0.5~6
V
Input diode current
IIK
-20
mA
Output diode current
IOK
-20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
300 (SM8)
200 (US8)
mW
Storage temperature
Tstg
-65~150
°C
Lead temperature (10s)
TL
260
°C
SM8
US8
Type name
Z 08
Lot No.
WZ
08
VCC
2B
2A
1A
GND
1B
1
2
3
4
2Y
1Y
8
7
6
5
Preliminary


Numéro de pièce similaire - TC7WZ08FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WZ00FK TOSHIBA-TC7WZ00FK Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FK TOSHIBA-TC7WZ00FK_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ00FU TOSHIBA-TC7WZ00FU Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FU TOSHIBA-TC7WZ00FU_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ02FK TOSHIBA-TC7WZ02FK Datasheet
194Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NOR Gate
More results

Description similaire - TC7WZ08FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com