Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9139DG-2815 Fiches technique(PDF) 10 Page - Vishay Siliconix

No de pièce SI9139DG-2815
Description  Multi-Output, Individual On/Off Control Power-Supply Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9139DG-2815 Fiches technique(HTML) 10 Page - Vishay Siliconix

Back Button SI9139DG-2815 Datasheet HTML 6Page - Vishay Siliconix SI9139DG-2815 Datasheet HTML 7Page - Vishay Siliconix SI9139DG-2815 Datasheet HTML 8Page - Vishay Siliconix SI9139DG-2815 Datasheet HTML 9Page - Vishay Siliconix SI9139DG-2815 Datasheet HTML 10Page - Vishay Siliconix SI9139DG-2815 Datasheet HTML 11Page - Vishay Siliconix SI9139DG-2815 Datasheet HTML 12Page - Vishay Siliconix SI9139DG-2815 Datasheet HTML 13Page - Vishay Siliconix SI9139DG-2815 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Si9139
Vishay Siliconix
New Product
www.vishay.com
10
Document Number: 71841
S-22317—Rev. A, 16-Dec-02
STANDARD APPLICATION CIRCUIT (5−V INPUT
AUXILIARY IN BOOST MODE)
DLC
CSP
CSN
FBC
DLB
LXB
DHB
BSTB
VL
COMP
PGND
FBB
CSB
VIN
BSTA
DHA
LXA
DLA
CSA
FBA
RESET
REF
GND
ONA
ONB
VIN
4.5 ~ 5.5 V
C7
33
mF
C1
0.1
mF
Q1
Si7888
C6
330
mF
L2
10
mH
Q3
Si7886
R1
0.02
W
C11
1
mF
3.3 V
1 mA
CMPD2836
D1A
D1B
C2
0.1
mF
Q2
Si7888
Q4
Si7886
C4
33
mF
L3, 10
mH
Q6
Si3456
R3
C10
100
mF
D4, BYS10-35
(VIN +0.5 V) to
20 V
500 mA
L1, 10
mH
R2
0.02
W
C3
330
mF
Figure 1.B
C12
120 pF
R5
R6
0.2
W
GND*
PGND*
*PGND and GND planes should be connected to a single point (star) ground.
VL
20 k
W
22
24
26
25
23
28
27
1
12
13
11
10
19
9
2
8
7
6
20
14
18
16
15
17
21
VOUT
C
VOUT
A
VOUT
B
SS34
SS34


Numéro de pièce similaire - SI9139DG-2815

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130 VISHAY-SI9130 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG VISHAY-SI9130CG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130CG VISHAY-SI9130CG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Description similaire - SI9139DG-2815

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com