Moteur de recherche de fiches techniques de composants électroniques |
|
FDC699P Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
FDC699P Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page January 2004 2004 Fairchild Semiconductor Corporation FDC699P Rev C2 (W) FDC699P P-Channel 2.5V PowerTrench MOSFET General Description This P-Channel 2.5V specified MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications with a wide range of gate drive voltage (2.5V – 12V). Applications • Battery management • Load Switch • Battery protection Features • –7 A, –20 V RDS(ON) = 22 mΩ @ VGS = –4.5 V RDS(ON) = 30 mΩ @ VGS = –2.5 V • High performance trench technology for extremely low RDS(ON) • Fast switching speed • FLMP SuperSOT-6 package: Enhanced thermal performance in industry-standard package size SuperSOT-6 TM FLMP S S S G S S Absolute Maximum Ratings T A=25 oC unless otherwise noted Symbol Parameter Ratings Units VDSS Drain-Source Voltage –20 V VGSS Gate-Source Voltage ±12 V ID Drain Current – Continuous (Note 1a) –7 A – Pulsed –40 PD Power Dissipation (Note 1a) 2 (Note 1b) 1.5 W TJ, TSTG Operating and Storage Junction Temperature Range –55 to +150 °C Thermal Characteristics RθJA Thermal Resistance, Junction-to-Ambient (Note 1a) 60 °C/W (Note 1b) 111 RθJC Thermal Resistance, Junction-to-Case 0.5 Package Marking and Ordering Information Device Marking Device Reel Size Tape width Quantity .699 FDC699P 7’’ 8mm 3000 units 3 2 1 4 5 6 Bottom Drain |
Numéro de pièce similaire - FDC699P |
|
Description similaire - FDC699P |