Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1020RG Fiches technique(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No de pièce U1020RG
Description  10.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U1020RG Fiches technique(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U1020RG Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U1020RG Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U1020RG thru U1060RG
Pb Free Plating Product
U1020RG/U1030RG/U1040RG/U1060RG
10.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Pb
Rev.08T
Features
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Latest GPP EPI P/G Technology
Good Soft Recovery Characteristics
Ideally Suited for Automatic Assembly
Low Forward Voltage
High Surge Current Capability
Low Leakage Current
Applications
Freewheeling, Snubber, Clamp
Inversion Welder
PFC
Plating Power Supply
Ultrasonic Cleaner and Welder
Converter & Chopper
UPS/LED SMPS/HID
¬
¬
Positive
Negative
Common Cathode
Common Anode
Doubler
Tandem Polarity
Series
Tandem Polarity
Suffix "RG"
Suffix "DG"
Suffix "SG"
Suffix "G"
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
U1020RG
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
140
210
280
420
V
Average Rectified Output Current
Total Device
@TC = 100°C
Per Diode
IO
10.0
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
100
A
Forward Voltage per diode
@IF = 5.0A
VFM
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 1)
trr
35
50
nS
Typical Junction Capacitance (Note 2)
CJ
70
50
pF
Thermal Resistance Junction to Ambient (Note 3)
Thermal Resistance Junction to Lead (Note 3)
RθJA
RθJC
30
1.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on PCB with minimum recommended pad sizes per diode.
Unit : inch (mm)
D2PAK/TO-263
Case
Case
Case
Case
0.98
1.3
1.7
V
U1030RG U1040RG U1060RG


Numéro de pièce similaire - U1020RG

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
U1020G THINKISEMI-U1020G Datasheet
758Kb / 2P
   10.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Description similaire - U1020RG

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
MURD1020CTR THINKISEMI-MURD1020CTR Datasheet
730Kb / 2P
   10.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
FS10A20CT THINKISEMI-FS10A20CT Datasheet
298Kb / 2P
   10.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MURB1020CA THINKISEMI-MURB1020CA Datasheet
308Kb / 2P
   10.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MURB1020CTR THINKISEMI-MURB1020CTR Datasheet
761Kb / 2P
   10.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
MUR1020CTR THINKISEMI-MUR1020CTR Datasheet
559Kb / 2P
   10.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
F10C20A THINKISEMI-F10C20A Datasheet
644Kb / 2P
   10.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
R10U02RF THINKISEMI-R10U02RF Datasheet
279Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.12T
10F20HF3S THINKISEMI-10F20HF3S_V01 Datasheet
268Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
MUR1020CA THINKISEMI-MUR1020CA_V01 Datasheet
275Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MUR1620FCTR THINKISEMI-MUR1620FCTR_V01 Datasheet
256Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com