Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX65003 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce CX65003
Description  1400 - 2500 MHz Linear Power Amplifier Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

CX65003 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  CX65003 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX65003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DATA SHEET • CX65003
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
October 11, 2004 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 101468E
Table 1. CX65003 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
NC
No connection
5
VCC2
Supply voltage
2
VB
Input bias for amplifier driver
6
RFOUT
RF output
3
RFIN
RF input
7
RFOUT
RF output
4
Y
Output of internal bias circuit
8
VCC1
Supply voltage
Table 2. CX65003 Absolute Maximum Ratings
Parameter
Symbol
Min
Typical
Max
Units
RF input power
PIN
15
dBm
Supply voltage (VCC1 and VCC2 pins)
VCC
5.5
V
Supply current (ID + IBIAS)
ICC
240
mA
Power dissipation
1.3
W
Case operating temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C
Junction temperature
TJ
+150
°C
Note: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value.
Technical Description
The CX65003 is a single stage linear amplifier. The device can be
externally matched for optimum gain and linearity using two to
three passive components. These external components allow the
amplifier to be set to a desired operating frequency.
The CX65003 contains a bias circuit for optimum temperature
tracking performance. An external resistor is used to set the bias
current level. The value of this resistor can be selected to set the
amplifier operational mode to Class A, B, or AB.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
If the part is attached in a reflow oven, the temperature ramp rate
should not exceed 5
°C per second. Maximum temperature
should not exceed 225
°C and the time spent at a temperature
that exceeds 210
°C should be limited to less than 10 seconds. If
the part is manually attached, precaution should be taken to
ensure that the part is not subjected to a temperature that
exceeds 300
°C for more than 10 seconds.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format. For packaging details, refer to the Skyworks
Application Note, Tape and Reel, document number 101568.
Electrical and Mechanical Specifications
The absolute maximum ratings of the CX65003 are provided in
Table 2. The recommended operating conditions are specified in
Table 3 and electrical specifications are provided in Table 4.
Typical performance characteristics of the CX65003 are shown in
Figures 3 through 18. Figure 25 provides the package dimensions
for the 8-pin SOIC and Figure 26 provides the tape and reel
dimensions.
Electrostatic Discharge (ESD) Sensitivity
The CX65003 is a static-sensitive electronic device. Do not
operate or store near strong electrostatic fields. Take proper ESD
precautions.


Numéro de pièce similaire - CX65003

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
CX65002 SKYWORKS-CX65002 Datasheet
285Kb / 11P
   700 - 1400 MHz Linear Power Amplifier Driver
More results

Description similaire - CX65003

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
CX65002 SKYWORKS-CX65002 Datasheet
285Kb / 11P
   700 - 1400 MHz Linear Power Amplifier Driver
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
   250 - 2500 MHz Linear Power Amplifier Driver
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2025-46L STEALTH_MICROWAVE-SM2025-46L Datasheet
86Kb / 2P
   2000-2500 MHz 50 Watt Linear Power Amplifier
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12