Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2424 Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce 2SK2424
Description  High speed power switching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2424 Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  2SK2424 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2424 Datasheet HTML 2Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Table 2 Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
———————————————————————————————————————————
Drain to source breakdown
V(BR)DSS
450
V
ID = 10 mA, VGS = 0
voltage
———————————————————————————————————————————
Gate to source breakdown
V(BR)GSS
±30
V
IG = ±100 µA, VDS = 0
voltage
———————————————————————————————————————————
Gate to source leak current
IGSS
±10
µA
VGS = ±25 V, VDS = 0
———————————————————————————————————————————
Zero gate voltage drain current
IDSS
250
µA
VDS =450 V, VGS = 0
———————————————————————————————————————————
Gate to source cutoff voltage
VGS(off)
2.0
3.0
V
ID = 1 mA, VDS = 10 V
———————————————————————————————————————————
Static drain to source on state
RDS(on)
0.4
0.55
ID = 4 A
resistance
VGS = 10 V *
———————————————————————————————————————————
Forward transfer admittance
|yfs|
5.0
7.5
S
ID = 4 A
VDS = 10 V *
———————————————————————————————————————————
Input capacitance
Ciss
1450
pF
VDS = 10 V
————————————————————————————————
Output capacitance
Coss
410
pF
VGS = 0
————————————————————————————————
Reverse transfer capacitance
Crss
55
pF
f = 1 MHz
———————————————————————————————————————————
Turn–on delay time
td(on)
20
ns
ID = 4 A
————————————————————————————————
Rise time
tr
55
ns
VGS = 10 V
————————————————————————————————
Turn–off delay time
td(off)
130
ns
RL = 7.5Ω
————————————————————————————————
Fall time
tf
—50
ns
———————————————————————————————————————————
Body–drain diode forward
VDF
0.95
V
IF = 8 A, VGS = 0
voltage
———————————————————————————————————————————
Body–drain diode reverse
trr
380
ns
IF = 8 A, VGS = 0,
recovery time
diF / dt = 100 A / µs
———————————————————————————————————————————
* Pulse Test
See characteristics curves of 2SK1165.
2SK2424


Numéro de pièce similaire - 2SK2424

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK2424 ISC-2SK2424 Datasheet
260Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK2424

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK579 HITACHI-2SK579 Datasheet
49Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK415 HITACHI-2SK415 Datasheet
56Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK549 HITACHI-2SK549 Datasheet
46Kb / 1P
   HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
2SK2225-80-E RENESAS-2SK2225-80-E Datasheet
190Kb / 7P
   High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2115 ISC-2SK2115 Datasheet
60Kb / 2P
   High speed power switching
logo
Renesas Technology Corp
RJK4002DPD RENESAS-RJK4002DPD Datasheet
82Kb / 7P
   High Speed Power Switching
RJK6011DJE RENESAS-RJK6011DJE Datasheet
94Kb / 7P
   High Speed Power Switching
2SK3147L RENESAS-2SK3147L_15 Datasheet
246Kb / 8P
   High Speed Power Switching
RJK1590DP3-A0 RENESAS-RJK1590DP3-A0 Datasheet
246Kb / 8P
   High Speed Power Switching
logo
Hitachi Semiconductor
2SK429L HITACHI-2SK429L Datasheet
48Kb / 1P
   HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com