Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3415S Fiches technique(PDF) 4 Page - Rohm

No de pièce 2SC3415S
Description  Chroma Amplifier Transistor (300V, 0.1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SC3415S Fiches technique(HTML) 4 Page - Rohm

  2SC3415S Datasheet HTML 1Page - Rohm 2SC3415S Datasheet HTML 2Page - Rohm 2SC3415S Datasheet HTML 3Page - Rohm 2SC3415S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Numéro de pièce similaire - 2SC3415S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SC3415S ROHM-2SC3415S Datasheet
63Kb / 2P
   Chroma amplifier transistor
2SC3415S ROHM-2SC3415S Datasheet
61Kb / 1P
   Chroma Amplifier Transistor
More results

Description similaire - 2SC3415S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SC4061K ROHM-2SC4061K_09 Datasheet
169Kb / 4P
   Chroma amplifier transistor (300V, 0.1A)
2SC4061KT146N ROHM-2SC4061KT146N Datasheet
100Kb / 4P
   Chroma amplifier transistor (300V, 0.1A)
logo
Guangdong Kexin Industr...
2SC4061K KEXIN-2SC4061K Datasheet
36Kb / 1P
   Chroma amplifier transistor
logo
Rohm
2SC3271F ROHM-2SC3271F Datasheet
61Kb / 1P
   Chroma Amplifier Transistor
2SC3415S ROHM-2SC3415S Datasheet
63Kb / 2P
   Chroma amplifier transistor
2SC4061K ROHM-2SC4061K_12 Datasheet
172Kb / 4P
   Chroma amplifier transistor
2SC4505 ROHM-2SC4505 Datasheet
83Kb / 4P
   Power Transistor (400V, 0.1A)
2SC4505 ROHM-2SC4505_07 Datasheet
73Kb / 4P
   Power Transistor (400V, 0.1A)
2SCR523M ROHM-2SCR523M Datasheet
173Kb / 3P
   General purpose transistor(50V,0.1A)
2SAR523M ROHM-2SAR523M Datasheet
172Kb / 3P
   General purpose transistor(-50V,-0.1A)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com