Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM366S1623DTL-G0 Fiches technique(PDF) 6 Page - Samsung semiconductor

No de pièce KMM366S1623DTL-G0
Description  PC66 Unbuffered DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623DTL-G0 Fiches technique(HTML) 6 Page - Samsung semiconductor

Back Button KMM366S1623DTL-G0 Datasheet HTML 2Page - Samsung semiconductor KMM366S1623DTL-G0 Datasheet HTML 3Page - Samsung semiconductor KMM366S1623DTL-G0 Datasheet HTML 4Page - Samsung semiconductor KMM366S1623DTL-G0 Datasheet HTML 5Page - Samsung semiconductor KMM366S1623DTL-G0 Datasheet HTML 6Page - Samsung semiconductor KMM366S1623DTL-G0 Datasheet HTML 7Page - Samsung semiconductor KMM366S1623DTL-G0 Datasheet HTML 8Page - Samsung semiconductor KMM366S1623DTL-G0 Datasheet HTML 9Page - Samsung semiconductor KMM366S1623DTL-G0 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PC66 Unbuffered DIMM
KMM366S1623DTL
REV. 0.0 July 1999
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
-0
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
760
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
16
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
16
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
240
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
96
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
48
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
48
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
400
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
240
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks activated
tCCD = 2CLKs
960
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
1,200
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
16
mA
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noted, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ)
Notes :


Numéro de pièce similaire - KMM366S1623DTL-G0

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G0 SAMSUNG-KMM366S1623AT-G0 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G2 SAMSUNG-KMM366S1623AT-G2 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G8 SAMSUNG-KMM366S1623AT-G8 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
More results

Description similaire - KMM366S1623DTL-G0

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
   PC100 Unbuffered DIMM
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com