Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM366S1623DTL Fiches technique(PDF) 9 Page - Samsung semiconductor

No de pièce KMM366S1623DTL
Description  PC66 Unbuffered DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM366S1623DTL Fiches technique(HTML) 9 Page - Samsung semiconductor

Back Button KMM366S1623DTL Datasheet HTML 2Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 3Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 4Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 5Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 6Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 7Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 8Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 9Page - Samsung semiconductor KMM366S1623DTL Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PC66 Unbuffered DIMM
KMM366S1623DTL
REV. 0.0 July 1999
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don
′t care, H=Logic high, L=Logic low)
Command
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
BA0,1
A10/AP
A11,
A9 ~ A0
Note
Register
Mode register set
H
X
L
L
L
L
X
OP code
1,2
Refresh
Auto refresh
H
H
L
L
L
H
X
X
3
Self
refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
3
H
X
X
X
3
Bank active & row addr.
H
X
L
L
H
H
X
V
Row address
Read &
column address
Auto precharge disable
H
X
L
H
L
H
X
V
L
Column
address
(A0 ~ A8)
4
Auto precharge enable
H
4,5
Write &
column address
Auto precharge disable
H
X
L
H
L
L
X
V
L
Column
address
(A0 ~ A8)
4
Auto precharge enable
H
4,5
Burst stop
H
X
L
H
H
L
X
X
6
Precharge
Bank selection
H
X
L
L
H
L
X
V
L
X
All banks
X
H
Clock suspend or
active power down
Entry
H
L
H
X
X
X
X
X
L
V
V
V
Exit
L
H
X
X
X
X
X
Precharge power down mode
Entry
H
L
H
X
X
X
X
X
L
H
H
H
Exit
L
H
H
X
X
X
X
L
V
V
V
DQM
H
V
X
7
No operation command
H
X
H
X
X
X
X
X
L
H
H
H
1. OP Code : Operand code
A0 ~ A11 & BA0 ~ BA1 : Program keys. (@ MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 clock cycles of MRS.
3. Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If both BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank B is selected.
If both BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
If A10/AP is "High" at row precharge, BA0 and BA1 is ignored and all banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (Write DQM latency is 0),
but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)
Notes :
X


Numéro de pièce similaire - KMM366S1623DTL

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G0 SAMSUNG-KMM366S1623AT-G0 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G2 SAMSUNG-KMM366S1623AT-G2 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT-G8 SAMSUNG-KMM366S1623AT-G8 Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
More results

Description similaire - KMM366S1623DTL

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
   PC100 Unbuffered DIMM
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com