Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LV1T34 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74LV1T34
Description  Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T34 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74LV1T34_18 Datasheet HTML 2Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 3Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 4Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 5Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 6Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 7Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 8Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 9Page - Texas Instruments SN74LV1T34_18 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
VIH min = 1.36V
VIL min = 0.8V
VOH min = 2.4V
VOL max = 0.4V
LV1Txx Logic
3.3V
System
5.0V, 3.3V
2.5V, 1.8V
System
Vcc = 3.3V
VIH = 2.0V
VIL = 0.8V
VIH = 0.99V
VIL = 0.55V
5.0V
3.3V
System
Vcc = 5.0V
LV1Txx Logic
5.0V
System
Vcc = 1.8V
5.0V, 3.3V
2.5V, 1.8V
1.5V, 1.2V
System
LV1Txx Logic
1.8V
System
6
SN74LV1T34
SCLS743B – DECEMBER 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: SN74LV1T34
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
6.7 Operating Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
f = 1 MHz and 10 MHz
1.8 V ± 0.15 V
14
pF
2.5 V ± 0.2 V
14
3.3 V ± 0.3 V
14
5 V ± 0.5 V
14
Figure 1. Switching Thresholds For 1.8-V to 3.3-V Translation


Numéro de pièce similaire - SN74LV1T34_18

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV1T34 TI1-SN74LV1T34_15 Datasheet
947Kb / 20P
[Old version datasheet]   SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
More results

Description similaire - SN74LV1T34_18

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV1T34 TI1-SN74LV1T34 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_15 Datasheet
947Kb / 20P
[Old version datasheet]   SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T04 TI1-SN74LV1T04_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04_1809 TI1-SN74LV1T04_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04DCKR TI1-SN74LV1T04DCKR Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04 TI1-SN74LV1T04 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com