Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


VUB72-12NOXT Datasheet(Fiches technique) 1 Page - IXYS Corporation

Numéro de pièce VUB72-12NOXT
Description  Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo 

   
 1 page
background image
VUB72-12NOXT
9~
6
7~
1~
10
4
5
2
NTC
11
12
3~ Rectifier Bridge + Brake Unit + NTC
Standard Rectifier Module
Part number
VUB72-12NOXT
Backside: isolated
Features / Advantages:
Applications:
Package:
Package with DCB ceramic base plate
Improved temperature and power cycling
Planar passivated chips
Very low forward voltage drop
Very low leakage current
NTC
3~ Rectifier with brake unit
for drive inverters
V1-A-Pack
Industry standard outline
RoHS compliant
Soldering pins for PCB mounting
Height: 17 mm
Base plate: DCB ceramic
Reduced weight
Advanced power cycling
Isolation Voltage:
V~
3600
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact your local sales office.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact your local sales office.
Should you intend to use the product in aviation, in health or life endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms and Conditions of Usage
RRM
1200
I
75
FSM
600
DAV
V
=
V
A
A
=
=
I
3~
Rectifier
CES
1200
Brake
Chopper
I
58
CE(sat)
1.85
C25
V
=
V
A
V
=
=
V
IXYS reserves the right to change limits, conditions and dimensions.
20151102d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl