Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP1L3N Fiches technique(PDF) 4 Page - NEC

No de pièce FP1L3N
Description  on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

FP1L3N Fiches technique(HTML) 4 Page - NEC

  FP1L3N Datasheet HTML 1Page - NEC FP1L3N Datasheet HTML 2Page - NEC FP1L3N Datasheet HTML 3Page - NEC FP1L3N Datasheet HTML 4Page - NEC FP1L3N Datasheet HTML 5Page - NEC FP1L3N Datasheet HTML 6Page - NEC FP1L3N Datasheet HTML 7Page - NEC FP1L3N Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D16181EJ1V0DS
4
FP1 SERIES
FB1A4M
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
3DUDPHWHU
6\PERO
&RQGLWLRQV
0,1
7<3
0$;
8QLW
&ROOHFWRUFXWRIIFXUUHQW
,&%2
9&% −9 ,( 
−
Q$
'& FXUUHQW JDLQ
K)(
9&( − 9 ,& − $

'& FXUUHQW JDLQ
K)(
9&( − 9 ,& − $

'& FXUUHQW JDLQ
K)(
9&( − 9 ,& − $

&ROOHFWRUVDWXUDWLRQ YROWDJH
9&( VDW 9,1 − 9 ,& − $
−
9
/RZ OHYHO LQSXW YROWDJH
9,/
9&( − 9 ,& −
µ$
−
9
,QSXW UHVLVWDQFH
5


NΩ
(WR% UHVLVWDQFH
5


NΩ
** PW
≤ 350
µs, duty cycle ≤ 2 %


Numéro de pièce similaire - FP1L3N

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
FP1 LITTELFUSE-FP1 Datasheet
189Kb / 2P
   Style PCB Fuse Rated 32V
logo
Amphenol Corporation
FP10 AMPHENOL-FP10 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
TRIAD MAGNETICS
FP10-1200 TRIAD-FP10-1200 Datasheet
43Kb / 1P
   FP10-1200
FP10-1200 TRIAD-FP10-1200_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP10-2400 TRIAD-FP10-2400 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results

Description similaire - FP1L3N

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
FP1 RENESAS-FP1_15 Datasheet
270Kb / 10P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
NEC
BP1A4A NEC-BP1A4A Datasheet
94Kb / 6P
   On-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HQ1 RENESAS-HQ1_15 Datasheet
292Kb / 8P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
NEC
HR1F3P NEC-HR1F3P Datasheet
120Kb / 6P
   On-chip resistor PNP silicon epitaxial transistor For mid-speed switching
BN1A4Z NEC-BN1A4Z Datasheet
106Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
AN1A3Q RENESAS-AN1A3Q Datasheet
237Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AN1A4Z RENESAS-AN1A4Z Datasheet
236Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
logo
NEC
BN1F4Z NEC-BN1F4Z Datasheet
84Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HR1 RENESAS-HR1_15 Datasheet
400Kb / 8P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
AN1F4Z RENESAS-AN1F4Z Datasheet
235Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
logo
NEC
BN1A3Q NEC-BN1A3Q Datasheet
109Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com