Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8353ACP-REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8353ACP-REEL7
Description  100 MHz-2.7 GHz RF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8353ACP-REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8353ACP-REEL7 Datasheet HTML 4Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 5Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 10Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 11Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. 0
AD8353
–11–
THEORY OF OPERATION
The AD8353 is a two-stage feedback amplifier employing both
shunt-series and shunt-shunt feedback. The first stage is degen-
erated and resistively loaded, and provides approximately 10 dB
of gain. The second stage is a PNP-NPN Darlington output
stage, which provides another 10 dB of gain. Series-shunt feed-
back from the emitter of the output transistor sets the input
impedance to 50
Ω over a broad frequency range. Shunt-shunt
feedback from the amplifier output to the input of the Darlington
stage helps to set the output impedance to 50
Ω. The amplifier
can be operated from a 3 V supply by adding a choke inductor
from the amplifier output to VPOS. Without this choke induc-
tor, operation from a 5 V supply is also possible.
BASIC CONNECTIONS
The AD8353 RF Gain Block is a fixed-gain amplifier with
single-ended input and output ports whose impedances are
nominally equal to 50
Ω over the frequency range 100 MHz to
2.7 GHz. Consequently, it can be directly inserted into a 50
system with no impedance-matching circuitry required. The input
and output impedances are sufficiently stable versus variations
in temperature and supply voltage that no impedance matching
compensation is required. A complete set of scattering parameters
is available at the Analog Devices website (www.analog.com).
The input pin (INPT) is connected directly to the base of the
first amplifier stage, which is internally biased to approximately 1 V,
so a dc-blocking capacitor should be connected between the
source that drives the AD8353 and the input pin, INPT.
It is critical to supply very low inductance ground connections
to the ground pins (pins 1, 4, 5, and 8) as well as to the back-
side exposed paddle. This will ensure stable operation.
The AD8353 is designed to operate over a wide supply voltage
range, from 2.7 V to 5.5 V. The output of the part, VOUT, is
taken directly from the collector of the output amplifier stage.
This node is internally biased to approximately 2.2 V when the
supply voltage is 5 V. Consequently, a dc-blocking capacitor
should be connected between the output pin, VOUT, and the
load that it drives. The value of this capacitor is not critical, but
it should be 100 pF or larger.
When the supply voltage is 3 V, it is recommended that an
external RF choke be connected between the supply voltage and
the output pin, VOUT. This will increase the dc voltage applied
to the collector of the output amplifier stage, which will improve
performance of the AD8353 to be very similar to the performance
produced when 5 V is used for the supply voltage. The inductance
of the RF choke should be approximately 100 nH, and care should
be taken to ensure that the lowest series self-resonant frequency
of this choke is well above the maximum frequency of operation
for the AD8353.
The supply voltage input, VPOS, should be bypassed using a
large value capacitance (approximately 0.47
µF or larger) and a
smaller, high-frequency bypass capacitor (approximately 100 pF)
physically located close to the VPOS pin.
The recommended connections and components are shown in
the schematic of the AD8353 evaluation board.
APPLICATIONS
The AD8353 RF Gain Block may be used as a general purpose
fixed-gain amplifier in a wide variety of applications, such as a
driver for a transmitter power amplifier (Figure 1). Its excellent
reverse isolation also makes this amplifier suitable for use as a
local oscillator buffer amplifier that would drive the local oscilla-
tor port of an up or down converter mixer (Figure 2).
AD8353
HIGH POWER
AMPLIFIER
Figure 1. AD8353 as a Driver Amplifier
MIXER
AD8353
LOCAL
OSCILLATOR
Figure 2. AD8353 as a LO Driver Amplifier
NC = NO CONNECT
COM1
NC
INPT
COM1
VOUT
VPOS
COM2
COM2
AD8353
C3
100pF
C4
0.47 F
VP
OUTPUT
1
2
3
45
6
7
8
C2
1000pF
C1
1000pF
INPUT
L1
Figure 3. Evaluation Board Schematic
EVALUATION BOARD
Figure 3 shows the schematic of the AD8353 evaluation board.
Note that L1 is shown as an optional component that is used to
obtain maximum gain only when VP = 3 V. The board is powered
by a single supply in the range 2.7 V to 5.5 V. The power supply
is decoupled by a 0.47
µF and a 100 pF capacitor.
Table I. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2
AC-Coupling Capacitors
1000 pF, 0603
C3
High-Frequency Bypass
Capacitor
100 pF, 0603
C4
Low-Frequency Bypass
Capacitor
0.47
µF, 0603
L1
Optional RF Choke,
used to increase current
through output stage
when VP = 3 V.
Not recommended for use
when VP = 5 V.
100 nH, 0603


Numéro de pièce similaire - AD8353ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8353ACP-REEL7 AD-AD8353ACP-REEL7 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
More results

Description similaire - AD8353ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com