Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8187ARU Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8187ARU
Description  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8187ARU Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8187ARU Datasheet HTML 2Page - Analog Devices AD8187ARU Datasheet HTML 3Page - Analog Devices AD8187ARU Datasheet HTML 4Page - Analog Devices AD8187ARU Datasheet HTML 5Page - Analog Devices AD8187ARU Datasheet HTML 6Page - Analog Devices AD8187ARU Datasheet HTML 7Page - Analog Devices AD8187ARU Datasheet HTML 8Page - Analog Devices AD8187ARU Datasheet HTML 9Page - Analog Devices AD8187ARU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. A
–6–
AD8186/AD8187
FREQUENCY (MHz)
0.1
110
100
1000
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
TPC 7. AD8186 All Hostile Crosstalk* vs. Frequency
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
TPC 8. AD8186 Adjacent Channel Crosstalk* vs. Frequency
FREQUENCY (MHz)
0
10
100
1000
–30
–40
–50
–60
–70
–80
–90
–100
–10
–20
0
TPC 9. AD8186 OFF Isolation* vs. Frequency
* All hostile crosstalk—Drive all INA, listen to output with INB selected.
Adjacent channel crosstalk—Drive one INA, listen to an adjacent output with INB selected.
Off isolation—Drive inputs with OE tied low.
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
TPC 10. AD8187 All Hostile Crosstalk* vs. Frequency
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
TPC 11. AD8187 Adjacent Channel Crosstalk* vs. Frequency
FREQUENCY (MHz)
110
100
1000
–40
–120
–20
0
–100
–60
–80
–10
–30
–50
–70
–90
–110
TPC 12. AD8187 OFF Isolation* vs. Frequency


Numéro de pièce similaire - AD8187ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8187ARU AD-AD8187ARU Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU AD-AD8187ARU Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL AD-AD8187ARU-REEL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL AD-AD8187ARU-REEL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL7 AD-AD8187ARU-REEL7 Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

Description similaire - AD8187ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com