Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5024AL3H Fiches technique(PDF) 4 Page - Nippon Precision Circuits Inc

No de pièce SM5024AL3H
Description  Miniature-package Crystal Oscillator Module ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5024AL3H Fiches technique(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5024AL3H Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5024AL3H Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5024AL3H Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5024AL3H Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5024AL3H Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5024AL3H Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5024AL3H Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5024AL3H Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5024AL3H Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM5024 series
NIPPON PRECISION CIRCUITS INC.—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
3V operation
VSS = 0V, f ≤ 30MHz, CL ≤ 15pF unless otherwise noted.
5V operation
VSS = 0V, f ≤ 30MHz, CL ≤ 50pF unless otherwise noted
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to +7.0
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
TSTG
−55 to +125
°C
Output current
IOUT
20
mA
Power dissipation
PD
250
mW
Parameter
Symbol
Condition
Rating
Unit
Operating supply voltage
VDD
2.7
3.6
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
−20
+80
°C
Parameter
Symbol
Condition
Rating
Unit
Operating supply voltage
VDD
4.5
5.5
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
−40
+85
°C


Numéro de pièce similaire - SM5024AL3H

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
More results

Description similaire - SM5024AL3H

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM5023 NPC-SM5023 Datasheet
110Kb / 9P
   Miniature-package Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com