Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1302BHPVUATR Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC1302BHPVUATR
Description  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BHPVUATR Fiches technique(HTML) 2 Page - Microchip Technology

  TC1302BHPVUATR Datasheet HTML 1Page - Microchip Technology TC1302BHPVUATR Datasheet HTML 2Page - Microchip Technology TC1302BHPVUATR Datasheet HTML 3Page - Microchip Technology TC1302BHPVUATR Datasheet HTML 4Page - Microchip Technology TC1302BHPVUATR Datasheet HTML 5Page - Microchip Technology TC1302BHPVUATR Datasheet HTML 6Page - Microchip Technology TC1302BHPVUATR Datasheet HTML 7Page - Microchip Technology TC1302BHPVUATR Datasheet HTML 8Page - Microchip Technology TC1302BHPVUATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TC1302A/B
DS21333B-page 2
© 2005 Microchip Technology Inc.
Functional Block Diagrams
Typical Application Circuits
LDO #2
150 mA
LDO #1
300 mA
LDO #2
150 mA
VIN
VOUT1
VOUT2
Bandgap
Reference
SHDN2
GND
Bypass
TC1302A
TC1302B
VIN
SHDN2
GND
Bypass
SHDN1
LDO #1
300 mA
Bandgap
Reference
VOUT1
VOUT2
1.2V
1.2V
8
4
1
2
3
NC
GND
NC
BATTERY
COUT1
1µF Ceramic
X5R
CIN
1µF
TC1302A
COUT2
1µF Ceramic
X5R
C
BYPASS
(Note)
10 nF Ceramic
Bypass
VIN
7
2.7V
to
4.2V
VOUT2
6
SHDN2
ON/OFF Control VOUT2
2.8V @ 300 mA
2.6V @ 150 mA
5
VOUT1
8
4
1
2
3
NC
GND
SHDN1
BATTERY
COUT1
1µF Ceramic
X5R
CIN
1µF
TC1302B
COUT2
1µF Ceramic
X5R
Bypass
VIN
7
2.7V
to
4.2V
VOUT2
6
SHDN2
ON/OFF Control VOUT2
2.8V @ 300 mA
2.6V @ 150 mA
5
ON/OFF Control VOUT1
Note: C
BYPASS is optional
VOUT1


Numéro de pièce similaire - TC1302BHPVUATR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1302BHPVMFTR MICROCHIP-TC1302BHPVMFTR Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
More results

Description similaire - TC1302BHPVUATR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
logo
Seaward Electronics Inc...
SE8803 SEAWARD-SE8803 Datasheet
547Kb / 7P
   Dual-Output Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com