Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AS245NSRE4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
SN74AS245NSRE4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 16 page SN54ALS245A, SN54AS245, SN74ALS245A, SN74AS245 OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SDAS272A – NOVEMBER 1994 – REVISED JANUARY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 4.5-V to 5.5-V VCC Operation D Max tpd of 5.5 ns at 5 V D 3-State Outputs Drive Bus Lines Directly D pnp Inputs Reduce dc Loading 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 DIR A1 A2 A3 A4 A5 A6 A7 A8 GND VCC OE B1 B2 B3 B4 B5 B6 B7 B8 SN54ALS245A ...J OR W PACKAGE SN54AS245 ...J PACKAGE SN74ALS245A . . . DB, DW, N, OR NS PACKAGE SN74AS245 ...DW, N, OR NS PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 B1 B2 B3 B4 B5 A3 A4 A5 A6 A7 SN54ALS245A, SN54AS245 . . . FK PACKAGE (TOP VIEW) description/ordering information ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING SN74ALS245A-1N SN74ALS245A-1N PDIP – N Tube SN74ALS245AN SN74ALS245AN SN74AS245N SN74AS245N Tube SN74ALS245ADW ALS245A Tape and reel SN74ALS245ADWR ALS245A SOIC DW Tube SN74ALS245A-1DW ALS245A 1 0 °C to 70°C SOIC – DW Tape and reel SN74ALS245A-1DWR ALS245A-1 Tube SN74AS245DW AS245 Tape and reel SN74AS245DWR AS245 Tape and reel SN74ALS245ANSR ALS245A SOP – NS Tape and reel SN74ALS245A-1NSR ALS245A-1 Tape and reel SN74AS245NSR 74AS245 SSOP – DB Tape and reel SN74ALS245ADBR G245A CDIP J Tube SNJ54ALS245AJ SNJ54ALS245AJ CDIP – J Tube SNJ54AS245J SNJ54AS245J –55 °C to 125°C CFP – W Tube SNJ54ALS245AW SNJ54ALS245AW LCCC FK Tube SNJ54ALS245AFK SNJ54ALS245AFK LCCC – FK Tube SNJ54AS245FK SNJ54AS245FK PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
Numéro de pièce similaire - SN74AS245NSRE4 |
|
Description similaire - SN74AS245NSRE4 |