Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8958A Fiches technique(PDF) 3 Page - SyncMOS Technologies,Inc

No de pièce SM8958A
Description  8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNCMOS [SyncMOS Technologies,Inc]
Site Internet  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958A Fiches technique(HTML) 3 Page - SyncMOS Technologies,Inc

  SM8958A Datasheet HTML 1Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
September 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
3/25
Ver 1.0 PID 8958A 09/02
SyncMOS Technologies Inc.
SM8958A
Timer 2
Timer 1
Timer 0
Stack
Pointer
Decoder &
Register
1024 bytes
RAM
Block Diagram
Reset
Circuit
Power
Circuit
Interrupt
Circuit
Timing
Generator
XTAL2
XTAL1
#EA
ALE
#PSEN
RES
Vdd
Vss
to pertinent blocks
to whole chip
to pertinent blocks
to whole system
Acc
Buffer2
Buffer1
ALU
PSW
Buffer
DPTR
PC
Incrementer
Program
Counter
Register
Port 1
Latch
Port 2
Latch
Port 3
Latch
Port 4
Latch
Port 2
Port 3
Driver & Mux
Port 4
Driver & Mux
8
8
8
4
WDT
Instruction
Register
Port 0
Latch
8
Port 1
Driver & Mux
Driver & Mux
Port 0
Driver & Mux
SPWM
32K
bytes
Flash
Memory
0000H
7FFFH
5
2


Numéro de pièce similaire - SM8958A

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AC25 SYNCMOS-SM8958AC25 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AC40 SYNCMOS-SM8958AC40 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AL25 SYNCMOS-SM8958AL25 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AL33 SYNCMOS-SM8958AL33 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results

Description similaire - SM8958A

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com