Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CP0302P5425ENTR Datasheet(Fiches technique) 1 Page - AVX Corporation

Numéro de pièce CP0302P5425ENTR
Description  Thin Film Directional Couplers WiFi Band High Directivity
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo 

   
 1 page
background image
45
3
Thin Film Directional Couplers
WiFi Band High Directivity
CP0302P5425ENTR / CP0302A5425ENTR / CP0402Q5425ENTR / CP0603Q5425ENTR
HIGH DIRECTIVITY DIRECTIONAL COUPLERS FOR WIFI BANDS
TECHNOLOGY
These High Directivity LGA Couplers are based on
thin-film multilayer technology. The technology
provides a miniature part with excellent high frequency
performance and rugged construction for reliable
automatic assembly. The WiFi Bands Couplers are
offered in 0302, 0402 and 0603 standard sizes having
identical electrical performance.
APPLICATIONS:
• WiFi
PART NUMBERS
CP0302P5425ENTR
CP0302A5425ENTR
CP0402Q5425ENTR
CP0603Q5425ENTR
QUALITY INSPECTION
Finished parts are 100% tested for electrical parameters and
visual characteristics. Each production lot is evaluated on a
sample basis for:
• Static Humidity: 85°C, 85% RH, 160 hours
• Endurance : 125°C, IR, 4 hours
TERMINATION
Nickel/Lead-Free Solder coating (Sn100) compatible with
automatic soldering technologies: reflow, wave soldering,
vapor phase and manual.
OPERATING TEMPERATURE
-40°C to +85°C
L
T
S
W
B
H
A
DIMENSIONS (Bottom View) mm (inches)
CP0302
CP0402
CP0603
L
0.65±0.04
1.0±0.05
1.6±0.1
(0.026±0.002)
(0.040±0.002)
(0.063±0.004)
W
0.50±0.04
0.58±0.04
0.84±0.1
(0.02±0.002)
(0.023±0.002)
(0.033±0.004)
T
0.25±0.05
0.35±0.05
0.60±0.1
(0.01±0.002)
(0.014±0.002)
(0.024±0.004)
A
0.20±0.05
0.20±0.05
0.25±0.05
(0.008±0.002)
(0.008±0.002)
(0.01±0.002)
B
0.10±0.04
0.18±0.05
0.20±0.05
(0.004±0.002)
(0.007±0.002)
(0.008±0.002)
S, H
0.025±0.025
0.05±0.05
0.05±0.05
(0.001±0.001)
(0.002±0.002)
(0.002±0.002)
TERMINALS (Top View)
RECOMMENDED PAD LAYOUT
DIMENSTIONS
mm (inches)
50 OHM
OUT
COUPLING
IN
50 OHM
COUPLING
OUT
IN
CP0603
CP0402
50 OHM
COUPLING
OUT
IN
CP0302
CP0302
CP0402 / CP0603: see pages 49 / 53
0
.30
(0.012)
0.25
(
0.01)
0.20
(
0.008)
0.20
(0.008)




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl