Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MU04-2101 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce MU04-2101
Description  SUPER BRIGHT LED LIGHT BAR MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MU04-2101 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  MU04-2101 Datasheet HTML 1Page - List of Unclassifed Manufacturers MU04-2101 Datasheet HTML 2Page - List of Unclassifed Manufacturers MU04-2101 Datasheet HTML 3Page - List of Unclassifed Manufacturers MU04-2101 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
Characteristics by Shape
SUPER BRIGHT LED LIGHT BAR MODULE
Package Dimensions
unit : mm
Tolerance : ±0.25mm
fig.12
fig.13
fig.14
fig.15
fig.16
Absolute Max. Rating
Power Dissipation
Pd
Electro-Optical Characteristics
Luminous Intensity
Iv
MIN.
TYP.
IF
fig.
Shape
Part No.
Emitted
Color
Resin
Color
Light
Emitting
Surface
(Outer Size)
No.
of
Chips
MU20-2101
MU20-2105
MU20-3101
MU20-3105
MU20-4101
MU20-4105
MU20-5101
MU20-5105
MU91-2001
MU91-3001
MU91-5001
MU92-2001
MU92-3001
MU92-4001
MU92-5001
MU93-2001
MU93-3001
13
20
5
x9
(6
x10)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
8
8
6
6
8
8
4
4
6
6
6
2.4
6
6
6
2.4
8
8
8
4
4
3
3
4
4
2
2
3
3
3
1.2
3
3
3
1.2
4
4
4
60
60
62.50
62.50
75
75
62.50
62.50
60
75
75
75
60
75
75
75
60
75
75
75
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Red
Milky White
Orange
Milky White
Yellow
Milky White
Green
Milky White
Red
Green
Red
Orange
Yellow
Green
mm
Red
Orange
Yellow
Pure Green
Red
Orange
Yellow
Pure Green
Orange
Yellow
6
x6
(6
x6)
9
x5
(9
x5)
14
15
16
mA
pcs
mW
1.5
3
10
x10
(10
x10)
Red
Orange
Yellow
Green
Units
Red
Orange
Yellow
Pure Green
Red
Orange
Yellow
Pure Green
MU93-4001
MU93-5001
MU91-4001
mcd
Ta=25°C


Numéro de pièce similaire - MU04-2101

FabricantNo de pièceFiches techniqueDescription
logo
DB Unlimited.
MU044402-1 DBUNLIMITED-MU044402-1 Datasheet
754Kb / 1P
   Released from Engineering
MU044402-2 DBUNLIMITED-MU044402-2 Datasheet
583Kb / 1P
   Released from Engineering
More results

Description similaire - MU04-2101

FabricantNo de pièceFiches techniqueDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
   LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
   LED Light Bar
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
   LED LIGHT BAR
logo
BetLux Electronics
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z2005 BETLUX-BL-AR1Z2005 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AS1Z10 BETLUX-BL-AS1Z10 Datasheet
62Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S2 BETLUX-BL-AS1Z15S2 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S4 BETLUX-BL-AS1Z15S4 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AR1Z1408 BETLUX-BL-AR1Z1408 Datasheet
68Kb / 5P
   LED LIGHT BAR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com