Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M61518FP Datasheet(Fiches technique) 5 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M61518FP
Description  AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 
 5 page
background image
5
AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
M61518FP
MITSUBISHI ICs (SOUND PROCESSOR)
MITSUBISHI
ELECTRIC
tcr
Unit
Symbol
Parameter
Limits
Min
typ
Max
tcr
t
WH
t
WL
tr
tf
Cycle time of the digital signal
Pulse width of the digital signal(”H”level)
Pulse width of the digital signal(”L”level)
Rising time of digital signal
Falling time of digital signal
4
1.6
0.4
0.4
µs
1.6
(CLOCK,DATA,STROBE)
Dn+1
Dn+0
Dn+10
0V
DATA : L
DATA : H
(1) Signal wave shape
Threshold of the internal STROBE
Threshold of the internal DATA (H/L)
H
M
L
Dn+11
(2) Control signal voltage regulation
(3) Control signal timing regulation
Threshold of the internal CLOCK
The internal DATA latch at the falling edges of this clock signal.
t
WH
4.5V
4.5V
tr
tf
tr
t
WH
tf
t
WL
tr
2.25V
V
Limits
MIN
TYP
MAX
Digital signal
Unit
Condition
VDD
H
L
M
0.2
×VDD
L signal
M signal
H signal
VDD=4.5V,VEE=-4.5V
GND
0.7
×VDD
0.5
×VDD
0.3
×VDD
0.8
×VDD
SERIAL DATA CONTROL FORMAT
t
WH
VDD=4.5V,VEE=-4.5V
VDD=4.5V,VEE=-4.5V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HA12155NTAudio Signal Processor for Cassette Deck Dolby B/C-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
HA12163Audio Signal Processor for Car Deck and Cassette Deck Dolby B-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
HA12173Audio Signal Processor for Car Deck and Cassette Deck Dolby B/C-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
HA12192FAudio Signal Processor for Car Deck Decode only Dolby B-type NR with PB Amp. 1 2 3 4 5 MoreHitachi Semiconductor
M61519FPAUDIO SIGNAL PROCESSOR WITH SURROUND 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA9605HAudio processor with head amplifier for VHS hi-fi 1 2 3 4 5 MoreNXP Semiconductors
HA12203NTAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
HA12209FAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
BU9532KS2Signal processor LSI with pre-servo amplifier for CD players 1 2 LSI Computer Systems
BA7745FSVCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator 1 2 3 4 5 MoreRohm

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl