Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC201V02-A3 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce LC201V02-A3
Description  20.1 VGA TFT LCD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC201V02-A3 Fiches technique(HTML) 2 Page - NXP Semiconductors

  LC201V02-A3 Datasheet HTML 1Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 2Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 3Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 4Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 5Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 6Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 7Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 8Page - NXP Semiconductors LC201V02-A3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Product Specification
2 / 26
LC201V02
Liquid Crystal Display
Ver. 0.1
Jan. 17, 2003
Contents
25
26
PRECAUTIONS
9
13
9
INTERFACE CONNECTIONS
3-2
COLOR INPUT DATA REFERNECE
3-5
24
DESIGNATION OF LOT MARK
8-1
24
PACKING FORM
8-2
24
PACKING
8
23
EMC
7-2
1
COVER
2
CONTENTS
3
RECORD OF REVISIONS
4
GENERAL DESCRIPTION
1
5
ABSOLUTE MAXIMUM RATINGS
2
6
ELECTRICAL SPECIFICATIONS
3
6
ELECTRICAL CHARACTREISTICS
3-1
11
SIGNAL TIMING SPECIFICATIONS
3-3
12
SIGNAL TIMING WAVEFORMS
3-4
14
POWER SEQUENCE
3-6
15
OPTICAL SFECIFICATIONS
4
19
MECHANICAL CHARACTERISTICS
5
22
RELIABILITY
6
23
INTERNATIONAL STANDARDS
7
23
SAFETY
7-1
Page
ITEM
No


Numéro de pièce similaire - LC201V02-A3

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
LC201 SEOUL-LC201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC201 SEOUL-LC201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Description similaire - LC201V02-A3

FabricantNo de pièceFiches techniqueDescription
logo
LG Semicon Co.,Ltd.
LM201W01 LG-LM201W01 Datasheet
782Kb / 29P
   20.1 WSXGA TFT LCD
logo
AU Optronics Corp.,
M201EW02-V8 AUO-M201EW02-V8 Datasheet
1Mb / 25P
   20.1 W WSXGA Color TFT-LCD
logo
Purdy Electronics Corpo...
AND10C210-DHB PURDY-AND10C210-DHB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB-KIT PURDY-AND10C210-HB-KIT Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261F-HB PURDY-AND104A261F-HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-HB PURDY-AND10C210-HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
AND104A261G-4HB PURDY-AND104A261G-4HB Datasheet
353Kb / 5P
   10.4??VGA Color TFT LCD Module
AND10C210-4HB PURDY-AND10C210-4HB Datasheet
242Kb / 5P
   10.4??VGA Color TFT LCD Module
logo
AZ Displays
ATM6448B-NLW-FBH AZDISPLAYS-ATM6448B-NLW-FBH Datasheet
2Mb / 26P
   3,5 VGA VERY HIGH BRIGHTNESS TFT-LCD
logo
List of Unclassifed Man...
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
   Digital Interface VGA TFT LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com