Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A49LF004 Fiches technique(PDF) 3 Page - AMIC Technology

No de pièce A49LF004
Description  4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMICC [AMIC Technology]
Site Internet  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49LF004 Fiches technique(HTML) 3 Page - AMIC Technology

  A49LF004 Datasheet HTML 1Page - AMIC Technology A49LF004 Datasheet HTML 2Page - AMIC Technology A49LF004 Datasheet HTML 3Page - AMIC Technology A49LF004 Datasheet HTML 4Page - AMIC Technology A49LF004 Datasheet HTML 5Page - AMIC Technology A49LF004 Datasheet HTML 6Page - AMIC Technology A49LF004 Datasheet HTML 7Page - AMIC Technology A49LF004 Datasheet HTML 8Page - AMIC Technology A49LF004 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A49LF004
PRELIMINARY
(November, 2003, Version 0.0)
2
AMIC Technology, Corp.
PIN CONFIGURATIONS
A7 (FGPI1)
A6 (FGPI0)
A5 (WP#)
A4 (TBL#)
A3 (ID3)
A2 (ID2)
A1 (ID1)
A0 (ID0)
I/O
0 (FWH0)
21
22
23
24
25
26
27
28
29
12
13
11
8
9
5
7
6
RB# (RES)
I/O
7 (RES)
WE# (FWH4)
32-lead PLCC
Top View
OE# (INIT#)
VDD (VDD)
NC
NC
VSS (VSS)
IC (IC)
10
(*) Designates FWH Mode
FIGURE 1: Pin Assignments for 32-Lead PLCC
32-lead TSOP (8MM X 14MM)
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
VSS (VSS)
IC (IC)
A10 (FGPI4)
R/C# (CLK)
VDD (VDD)
RST# (RST#)
A9 (FGPI3)
A8 (FGPI2)
A7 (FGPI1)
A6 (FGPI0)
A5 (WP#)
A4 (TBL#)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A3 (ID3)
A2 (ID2)
A1 (ID1)
A0 (ID0)
I/O
0 (FWH0)
I/O
1 (FWH1)
I/O
2 (FWH2)
VSS (VSS)
I/O
3 (FWH3)
I/O
4 (RES)
I/O
5 (RES)
I/O
6 (RES)
I/O
7 (RES)
VDD (VDD)
WE# (FWH4)
OE# (INIT#)
NC
NC
FIGURE 2: Pin Assignments for 32-Lead TSOP
(*) Designates FWH Mode


Numéro de pièce similaire - A49LF004

FabricantNo de pièceFiches techniqueDescription
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATL-33 AMICC-A49LF040ATL-33 Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATL-33F AMICC-A49LF040ATL-33F Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATX-33 AMICC-A49LF040ATX-33 Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results

Description similaire - A49LF004

FabricantNo de pièceFiches techniqueDescription
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com