Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3556-01S Fiches technique(PDF) 4 Page - Fuji Electric

No de pièce 2SK3556-01S
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3556-01S Fiches technique(HTML) 4 Page - Fuji Electric

  2SK3556-01S Datasheet HTML 1Page - Fuji Electric 2SK3556-01S Datasheet HTML 2Page - Fuji Electric 2SK3556-01S Datasheet HTML 3Page - Fuji Electric 2SK3556-01S Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
2SK3556-01L,S,SJ
FUJI POWER MOSFET
PRE-SOLDER
See Note: 1.
Trademark
Lot No.
Type name
Note: 1. Guaranteed mark of avalanche ruggedness.
CONNECTION
GATE
DRAIN
SOURCE
DIMENSIONS ARE IN MILLIMETERS.
FUJI POWER MOS FET
12
3
1
2
3
Outline Drawings (mm)
Type(L)
GATE
DRAIN
SOURCE
See Note: 1.
Trademark
Lot No.
DIMENSIONS ARE IN MILLIMETERS.
Type name
FUJI POWER MOS FET
CONNECTION
Notes
1. ( ) : Reference dimensions.
Note: 1. Guaranteed mark of
avalanche ruggedness.
2. The metal part is covered with
the solder plating, part of cutting
is without the solder plating.
Pre-Solder
Fig. 1.
Fig. 1.
OUT VIEW
Solder Plating
4
1
2
4
3
Type(S)
GATE
DRAIN
SOURCE
See Note: 1.
Trademark
Lot No.
Type name
FUJI POWER MOS FET
CONNECTION
Notes
1. ( ) : Reference dimensions.
Note: 1. Guaranteed mark of
avalanche ruggedness.
2. The metal part is covered with
the solder plating, part of cutting
is without the solder plating.
OUT VIEW
Fig. 1.
Fig. 1.
Solder Plating
Pre-Solder
DIMENSIONS ARE IN MILLIMETERS.
2
4
1
3
Type(SJ)
IAV=f(tAV):starting Tch=25°C. Vcc=48V
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-2
10
-1
10
0
10
1
10
2
Single Pulse
Maximum Avalanche Current Pulsewidth
t
AV
[sec]
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
-3
10
-2
10
-1
10
0
10
1
Transient Thermal Impedance
Zth(ch-c)=f(t):D=0
t [sec]


Numéro de pièce similaire - 2SK3556-01S

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
2SK3556-01S FUJI-2SK3556-01S Datasheet
273Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3556-01S ISC-2SK3556-01S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK3556-01SJ FUJI-2SK3556-01SJ Datasheet
273Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Description similaire - 2SK3556-01S

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com