Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3556-01S Fiches technique(PDF) 2 Page - Fuji Electric

No de pièce 2SK3556-01S
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3556-01S Fiches technique(HTML) 2 Page - Fuji Electric

  2SK3556-01S Datasheet HTML 1Page - Fuji Electric 2SK3556-01S Datasheet HTML 2Page - Fuji Electric 2SK3556-01S Datasheet HTML 3Page - Fuji Electric 2SK3556-01S Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Characteristics
2SK3556-01L,S,SJ
FUJI POWER MOSFET
ID=f(VGS):80µs Pulse test, VDS=25V,Tch=25°C
ID=f(VDS):80µs Pulse test,Tch=25°C
gfs=f(ID):80µs Pulse test, VDS=25V,Tch=25°C
RDS(on)=f(ID):80µs Pulse test, Tch=25°C
0
25
50
75
100
125
150
0
25
50
75
100
125
150
175
200
Allowable Power Dissipation
PD=f(Tc)
Tc [
°C]
024
68
10
12
0
20
40
60
80
100
20V
7.0V
10V
8V
6.5V
7.5V
6.0V
VDS [V]
Typical Output Characteristics
VGS=5.5V
01
234
56789
10
0.1
1
10
100
VGS[V]
Typical Transfer Characteristic
0.1
1
10
100
0.1
1
10
100
ID [A]
Typical Transconductance
0
20
406080
100
0.00
0.05
0.10
0.15
0.20
0.25
7.0V
6.5V
ID [A]
Typical Drain-Source on-state Resistance
10V
20V
8V
7.5V
6.0V
VGS=
5.5V
-50
-25
0
25
50
75
100
125
150
0
30
60
90
120
150
180
210
240
270
Tch [
°C]
typ.
max.
Drain-Source On-state Resistance
RDS(on)=f(Tch):ID=12.5A,VGS=10V


Numéro de pièce similaire - 2SK3556-01S

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
2SK3556-01S FUJI-2SK3556-01S Datasheet
273Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3556-01S ISC-2SK3556-01S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK3556-01SJ FUJI-2SK3556-01SJ Datasheet
273Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Description similaire - 2SK3556-01S

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com