Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2211APWPRG4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
TPS2211APWPRG4 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 19 page TPS2211A SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION Figure 10. AVPP Propagation Delay and Rise Time With 1- µF Load, 12-V Switch 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 t – Time – ms VPPD0 (2 V/div) AVPP (5 V/div) VPPD1 = 0 V Figure 11. AVPP Propagation Delay and Fall Time With 1- µF Load, 12-V Switch 01 2 3 4 5 6 7 8 9 t – Time – ms VPPD0 (2 V/div) AVPP (5 V/div) VPPD1 = 0 V Figure 12. AVPP Propagation Delay and Rise Time With 150- µF Load, 12-V Switch t – Time – ms VPPD0 (2 V/div) AVPP (5 V/div) 02 4 6 8 10 12 14 16 18 VPPD1 = 0 V Figure 13. AVPP Propagation Delay and Fall Time With 150- µF Load, 12-V Switch 0 5 10 15 20 25 30 35 40 45 t – Time – ms VPPD0 (2 V/div) AVPP (5 V/div) VPPD1 = 0 V |
Numéro de pièce similaire - TPS2211APWPRG4 |
|
Description similaire - TPS2211APWPRG4 |