Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT2G32DC Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74AHCT2G32DC
Description  Dual 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G32DC Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT2G32DC Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
9397 750 12532
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2004
6 of 16
Philips Semiconductors
74AHC2G32; 74AHCT2G32
Dual 2-input OR gate
Tamb = −40 °C to +85 °C
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 3.0 V
2.1
-
-
V
VCC = 5.5 V
3.85
-
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 3.0 V
-
-
0.9
V
VCC = 5.5 V
-
-
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
-
-
V
IO = −50 µA; VCC = 3.0 V
2.9
-
-
V
IO = −50 µA; VCC = 4.5 V
4.4
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.48
-
-
V
IO = −8.0 mA; VCC = 4.5 V
3.8
-
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =50 µA; VCC = 2.0 V
-
-
0.1
V
IO =50 µA; VCC = 3.0 V
-
-
0.1
V
IO =50 µA; VCC = 4.5 V
-
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.44
V
ILI
input leakage current
VI =VCC or GND; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
--10
µA
CI
input capacitance
-
-
10
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 3.0 V
2.1
-
-
V
VCC = 5.5 V
3.85
-
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 3.0 V
-
-
0.9
V
VCC = 5.5 V
-
-
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
-
-
V
IO = −50 µA; VCC = 3.0 V
2.9
-
-
V
IO = −50 µA; VCC = 4.5 V
4.4
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.40
-
-
V
IO = −8.0 mA; VCC = 4.5 V
3.70
-
-
V
Table 8:
Static characteristics type 74AHC2G32 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74AHCT2G32DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT2G32DC NXP-74AHCT2G32DC Datasheet
90Kb / 13P
   Dual 2-input OR gate
Rev. 02-20 January 2009
logo
Nexperia B.V. All right...
74AHCT2G32DC NEXPERIA-74AHCT2G32DC Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 4 - 18 December 2018
74AHCT2G32DC-Q100 NEXPERIA-74AHCT2G32DC-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHCT2G32DC-Q100 NEXPERIA-74AHCT2G32DC-Q100 Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 3 - 18 December 2018
More results

Description similaire - 74AHCT2G32DC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com