Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL6649-MPES Fiches technique(PDF) 5 Page - Zarlink Semiconductor Inc

No de pièce SL6649-MPES
Description  200MHz DIRECT CONVERSION FSK DATA RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6649-MPES Fiches technique(HTML) 5 Page - Zarlink Semiconductor Inc

  SL6649-MPES Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SL6649-1
4
PRINCIPLE OF OPERATION
The incoming signal is split into two parts and frequency
converted to baseband. The two paths are produced in phase
quadrature (see Fig 2) and detected in a phase detector which
provides a digital output. The quadrature network must be in
the local oscillator path.
At a data rate of 512 baud and a deviation frequency of
4.5kHz, the input to the system has a demodulation index of 18.
This gives a spectrum as in Fig 3. f
1
and f
0
represent the ‘steady
state’ frequencies (i.e. modulated with continuous ‘1’ and ‘0’
respectively). The spectrum in Fig 3 is for reversals (a
0-1-0-1-0-1 etc. pattern) at the system bit rate; f
C
is the nominal
carrier frequency).
When the LO is at the nominal carrier frequency, then a
continuous ‘0’ or ‘1’ will produce an audio frequency, at the
output of the mixers corresponding to the difference between f
0
and f
C
or f
1
and f
C
. If the LO is precisely at fc, then the resultant
output signal will be at the same frequency regardless of the
data state; nevertheless, the relative phases of the two paths
will reverse between ‘0’ and ‘1’ states. By applying the amplified
outputs of the mixers to a phase discriminator, the digital data is
reproduced.
TUNING THE CHANNEL FILTERS
The adjacent channel rejection performance of the
SL6649-1 receiver is determined by the channel filters. To
obtain optimum adjacent channel rejection, the channel filters’
cut off frequency should be set to 8kHz. The process tolerances
are such that the cut off frequency cannot be accurately
defined, hence the channel filters must be tuned. However the
receiver characteristics on the previous page can be achieved
with a fixed 270k
Ω resistor between pin 3 and GND.
Tuning is performed by adjusting the current in the gyrator
circuits. This changes the values of the gyrator’s equivalent
inductance. The cut off frequency is tuned to 8kHz. To
accurately define the cut off of the channel filters, a gyrator
based Colpitts oscillator circuit has been included on the
SL6649-1. The Colpitts oscillator and channel filters use the
same type of architecture, hence there is a direct correlation
between oscillator frequency and cut off frequency. By knowing
the Colpitts oscillator frequency the channel filter cut off
frequency can be estimated from Figure 4.
Once the channel filters have been tuned it may be
necessary to disable the Colpitts oscillator. The Colpitts
oscillator is disabled by connecting the Colpitts oscillator
output/disable pin (pin # 16) to V
CC
2. This is needed since the
Colpitts oscillator may impair the performance of the receiver.
Figure 3: Spectrum Diagram
Figure 4
Figure 5: Channel Filter Response
k
k
k


Numéro de pièce similaire - SL6649-MPES

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
More results

Description similaire - SL6649-MPES

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com