Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL6649-I Fiches technique(PDF) 11 Page - Zarlink Semiconductor Inc

No de pièce SL6649-I
Description  200MHz DIRECT CONVERSION FSK DATA RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6649-I Fiches technique(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button SL6649-I Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 11Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 12Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 13Page - Zarlink Semiconductor Inc SL6649-I Datasheet HTML 14Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SL6649-1
10
PIN
MNEMONIC
FUNCTION
15
UNC
16
CO
Colpitts Oscillator
Output/Disable
17
RO
RFA I (collector) RF Output
18
RDA
RFA I (base) RF Decouple
19
Rl
RFA II (base) RF Input
20
RDB
RFA II (emitter) RF Decouple
21
Ol
LO Current Source
22
TA
Channel A Test
23
MA
Mixer l/P B
24
MB
Mixer l/P A
25
VCIM
V
CC
1 (mixer)
26
OA
LO Input Channel A
27
OB
LO Input Channel B
28
TB
Channel B Test
PIN
MNEMONIC
FUNCTION
1
GND
Ground
2
BEC
Battery Economy
3
Gl
Gyrator Current Adjust
4
Vr
Reference Voltage
5
BG
Bandgap Reference Voltage
6
Vc2
V
CC
2
7
BR
Bit rate Filter
8
DO
Data Output
9
GND
Ground
10
UNC
11
UNC
12
UNC
13
Fl
Battery Flag Input
14
FO
Battery Flag Output
POWER SUPPLIES
Figure 13(a): SL6649-1 Power Supply Options
(c) should be regarded as a test set up only.


Numéro de pièce similaire - SL6649-I

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
More results

Description similaire - SL6649-I

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com