Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT10001 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce FT10001
Description  Reset Timer with Fixed Delay and Reset Pulse
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FT10001 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button FT10001 Datasheet HTML 5Page - ON Semiconductor FT10001 Datasheet HTML 6Page - ON Semiconductor FT10001 Datasheet HTML 7Page - ON Semiconductor FT10001 Datasheet HTML 8Page - ON Semiconductor FT10001 Datasheet HTML 9Page - ON Semiconductor FT10001 Datasheet HTML 10Page - ON Semiconductor FT10001 Datasheet HTML 11Page - ON Semiconductor FT10001 Datasheet HTML 12Page - ON Semiconductor FT10001 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT10001 • Rev 1.0.1
8
Physical Dimensions
Figure 6.
6-Lead MicroPak2™ 1.0 x 1.0mm, .35mm Pitch
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
1.00
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994
NOTES:
A. COMPLIES TO JEDEC MO-252 STANDARD
0.05 C
A
B
0.55MAX
0.05 C
C
0.35
0.09
0.19
12
3
0.35
0.25
5X
6X
DETAIL A
0.60
(0.08)
4X
(0.05) 6X
0.40
0.30
0.075X45°
CHAMFER
5X 0.40
0.35
1X 0.45
6X 0.19
TOP VIEW
BOTTOM VIEW
0.66
0.10
CB A
.05 C
PIN 1
0.05 C
2X
2X
1.00
D. LANDPATTERN RECOMMENDATION IS BASED ON FSC
E. DRAWING FILENAME AND REVISION: MGF06AREV3
0.52
0.73
0.57
0.20 6X
1X
5X
RECOMMENDED LAND PATTERN
FOR SPACE CONSTRAINED PCB
DETAIL A
PIN 1 LEAD SCALE: 2X
ALTERNATIVE LAND PATTERN
FOR UNIVERSAL APPLICATION
DESIGN.
0.90
MIN 250uM
6
54
0.35
(0.08) 4X
SIDE VIEW


Numéro de pièce similaire - FT10001

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
FT10001FHX FAIRCHILD-FT10001FHX Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
FT10001L6X FAIRCHILD-FT10001L6X Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
More results

Description similaire - FT10001

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
FTL7522 FAIRCHILD-FTL7522 Datasheet
1Mb / 8P
   Low ICCT Reset Timer with Fixed Delay and Reset Pulse
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com