Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBSG53ABAEVB Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce NBSG53ABAEVB
Description  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53ABAEVB Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button NBSG53ABAEVB Datasheet HTML 5Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 6Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 7Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 8Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 9Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 10Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 11Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 12Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NBSG53A
http://onsemi.com
9
Table 10. AC CHARACTERISTICS for FCBGA−16
VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
−40
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figures 4, 6, 8, 10, and 11)
DFF
(See Figures 5, 7, 9, 10, and 11)
(Note 26)
DIV/2
8
10
8
10
8
10
GHz
tPLH,
tPHL
Propagation Delay to Output Differential
CLK
→Q, Q
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
**(OLS = VEE)
160
150
155
155
210
200
205
205
260
250
255
255
160
155
160
160
215
205
210
210
270
255
260
260
165
160
160
160
220
210
215
215
275
260
270
270
ps
SEL
→Q, Q
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
**(OLS = VEE)
165
160
160
160
220
210
215
210
275
260
270
260
170
160
165
160
225
210
220
215
280
260
275
270
170
160
165
165
225
210
220
220
280
260
275
275
R
→Q, Q
(OLS = VCC) DIV/2
(OLS = VCC) DFF
(OLS = VCC − 0.4 V) DIV/2
(OLS = VCC − 0.4 V) DFF
(OLS = VCC −0.8 V, OLS = FLOAT) DIV/2
(OLS = VCC − 0.8 V, OLS = FLOAT) DFF
**(OLS = VEE) DIV/2
**(OLS = VEE) DFF
220
200
215
195
220
200
215
195
295
270
285
260
290
265
285
260
370
340
355
325
360
330
355
325
225
205
220
200
220
200
220
200
300
275
290
265
295
270
290
265
375
345
360
330
370
340
360
330
225
205
220
200
220
200
220
200
300
275
290
265
295
270
290
265
375
345
360
330
370
340
360
330
tSKEW
Duty Cycle Skew (Notes 27 and 29)
DFF
5
20
5
20
5
20
ps
tJITTER
RMS Random Clock Jitter
fin v 8 GHz
(See Figures 4 and 6) (Note 26)
Peak−to−Peak Data Dependent Jitter
fin = 8 Gb/s
0.5
1.5
0.5
TBD
1.5
0.5
1.5
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 28)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times (20% − 80%)
@ 1 GHz
Q, Q
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
**(OLS = VEE)
30
20
25
25
50
40
45
45
65
60
65
65
30
20
25
25
50
40
45
45
65
60
65
65
30
20
25
25
50
40
45
45
65
60
65
65
ps
ts
Setup Time
D
→CLK
30
14
30
10
30
13
ps
th
Hold Time
D
→CLK
25
12
25
7
25
9
ps
trr
Reset Recovery
DFF, DIV/2
40
9
40
12
40
10
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
26. Measured using a 500 mV source, 50% duty cycle clock source. Repetitive 1010 input data pattern. All outputs loaded with 50
W to
VCC − 2.0 V. Input edge rates is 40 ps (20% − 80%).
27. See Figure 14. tSKEW = |tPLH − tPHL| for a nominal 50% differential clock input waveform.
28. VINPP (MAX) cannot exceed VCC − VEE (Applicable only when VCC − VEE < 2600 mV).
29. See Figure 10. Duty Cycle % vs. Frequency.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.


Numéro de pièce similaire - NBSG53ABAEVB

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
More results

Description similaire - NBSG53ABAEVB

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com