Moteur de recherche de fiches techniques de composants électroniques |
|
LM4041DIDBZT Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
LM4041DIDBZT Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 24 page www.ti.com LM4041 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLCS146C – FEBRUARY 2005 – REVISED MAY 2005 ORDERING INFORMATION ORDERABLE TOP-SIDE TA DEVICE GRADE VZ PACKAGE(1) PART NUMBER MARKING(2) A grade: SC-70 (DCK) Reel of 3000 LM4041A12IDCKR PREVIEW 0.1% initial Reel of 3000 LM4041A12IDBZR accuracy SOT-23-3 (DBZ) PREVIEW Reel of 250 LM4041A12IDBZT and 1.2 V 100 ppm/ °C Bulk of 1000 LM4041A12ILP temperature TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4041A12ILPR coefficient SC-70 (DCK) Reel of 3000 LM4041BIDCKR PREVIEW Reel of 3000 LM4041BIDBZR SOT-23-3 (DBZ) PREVIEW ADJ Reel of 250 LM4041BIDBZT B grade: Bulk of 1000 LM4041BILP 0.2% initial TO-92/TO-226 (LP) PREVIEW accuracy Reel of 2000 LM4041BILPR and SC-70 (DCK) Reel of 3000 LM4041B12IDCKR PREVIEW 100 ppm/ °C temperature Reel of 3000 LM4041B12IDBZR SOT-23-3 (DBZ) PREVIEW coefficient 1.2 V Reel of 250 LM4041B12IDBZT Bulk of 1000 LM4041B12ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4041B12ILPR Reel of 3000 LM4041CIDCKR SC-70 (DCK) MH_ Reel of 250 LM4041CIDCKT Reel of 3000 LM4041CIDBZR ADJ SOT-23-3 (DBZ) 4MH_ –40 °C to 85°C C grade: Reel of 250 LM4041CIDBZT 0.5% initial Bulk of 1000 LM4041CILP accuracy TO-92/TO-226 (LP) PREVIEW and Reel of 2000 LM4041CILPR 100 ppm/ °C SC-70 (DCK) Reel of 3000 LM4041C12IDCKR MM_ temperature Reel of 3000 LM4041C12IDBZR coefficient SOT-23-3 (DBZ) 4MM_ 1.2 V Reel of 250 LM4041C12IDBZT Bulk of 1000 LM4041C12ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4041C12ILPR Reel of 3000 LM4041DIDCKR SC-70 (DCK) MJ_ Reel of 250 LM4041DIDCKT Reel of 3000 LM4041DIDBZR ADJ SOT-23-3 (DBZ) 4MJ_ D grade: Reel of 250 LM4041DIDBZT 1.0% initial Bulk of 1000 LM4041DILP accuracy TO-92/TO-226 (LP) PREVIEW and Reel of 2000 LM4041DILPR 150 ppm/ °C SC-70 (DCK) Reel of 3000 LM4041D12IDCKR MN_ temperature Reel of 3000 LM4041D12IDBZR coefficient SOT-23-3 (DBZ) 4MN_ 1.2 V Reel of 250 LM4041D12IDBZT Bulk of 1000 LM4041D12ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4041D12ILPR (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. 2 |
Numéro de pièce similaire - LM4041DIDBZT |
|
Description similaire - LM4041DIDBZT |