Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE7033 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE7033
Description  Integrated Circuit Module, Switching Regulator Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7033 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE7033 Datasheet HTML 1Page - NTE Electronics NTE7033 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Internal Equivalent Circuit
SUB
11 (N.C.)
C1
R4
R5
R1
R7
R8
R6
R3
R2
TR1
ZD1
TR2
R9
R10
TR3
TR4
C2
TR5
D1
D2
10
1
2
13
5
6
3
4
7
8
9
12
15
1.004
(25.5)
.630
(16.0)
2.330 (59.2)
2.050 (52.0)
1.400 (35.6)
.100 (2.54)
.335 (8.5)
115
.158 (4.0)
.200 (5.08)
.925
(23.5)


Numéro de pièce similaire - NTE7033

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7030 NTE-NTE7030 Datasheet
24Kb / 2P
   Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE7031 NTE-NTE7031 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, Single Channel, 100W Min
NTE7032 NTE-NTE7032 Datasheet
78Kb / 2P
   Integrated Circuit Module − AF Power Amp, Single Channel, 120W Min
NTE7034 NTE-NTE7034 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7035 NTE-NTE7035 Datasheet
22Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results

Description similaire - NTE7033

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7025 NTE-NTE7025 Datasheet
24Kb / 2P
   Integrated Circuit Module, Switching Regulator Power Supply
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
   Integrated Circuit Module - Color TV Switching Regulator
NTE7076 NTE-NTE7076 Datasheet
22Kb / 2P
   Integrated Circuit Module - 100W Offline Switching Regulator
logo
Motorola, Inc
MC1560 MOTOROLA-MC1560 Datasheet
4Mb / 12P
   POSITIVE-POWER-SUPPLY VOLTAGE REGULATOR INTEGRATED CIRCUIT
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
NTE7046 NTE-NTE7046 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Regulator
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
   Integrated Circuit Switching Regulator Control
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
NTE7073 NTE-NTE7073 Datasheet
19Kb / 2P
   Integrated Circuit Hybrid Switching Regulator
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com