Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFG1216U2M Fiches technique(PDF) 9 Page - Samsung semiconductor

No de pièce KFG1216U2M
Description  FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG1216U2M Fiches technique(HTML) 9 Page - Samsung semiconductor

Back Button KFG1216U2M Datasheet HTML 5Page - Samsung semiconductor KFG1216U2M Datasheet HTML 6Page - Samsung semiconductor KFG1216U2M Datasheet HTML 7Page - Samsung semiconductor KFG1216U2M Datasheet HTML 8Page - Samsung semiconductor KFG1216U2M Datasheet HTML 9Page - Samsung semiconductor KFG1216U2M Datasheet HTML 10Page - Samsung semiconductor KFG1216U2M Datasheet HTML 11Page - Samsung semiconductor KFG1216U2M Datasheet HTML 12Page - Samsung semiconductor KFG1216U2M Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
OneNAND512/OneNAND1GDDP
FLASH MEMORY
9
4. PIN CONFIGURATION
NC
NC
NC
NC
INT
A0
A1
NC
A10
A6
NC
NC
NC
WE
RP
DQ14
VSS
VSS
DQ13
DQ12
DQ8
DQ1
OE
DQ9
VCC
DQ7
DQ4
DQ11
DQ10
DQ3
VCC
DQ15
A12
DQ0
DQ5
DQ6
CE
DQ2
NC
NC
A9
AVD
A7
A11
A8
A4
A5
A2
A3
NC
NC
NC
NC
NC
NC
NC
NC
NC
Core
IO
CLK
(TOP VIEW, Balls Facing Down)
63ball FBGA OneNAND Chip
A15
A13
A14
RDY
63ball, 9.5mm x 12mm x max 1.0mmt , 0.8mm ball pitch FBGA


Numéro de pièce similaire - KFG1216U2M

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KFG1216U2A SAMSUNG-KFG1216U2A Datasheet
1Mb / 114P
   FLASH MEMORY
KFG1216U2A-DEB5 SAMSUNG-KFG1216U2A-DEB5 Datasheet
1Mb / 114P
   FLASH MEMORY
KFG1216U2A-DEB6 SAMSUNG-KFG1216U2A-DEB6 Datasheet
1Mb / 114P
   FLASH MEMORY
KFG1216U2A-DED5 SAMSUNG-KFG1216U2A-DED5 Datasheet
1Mb / 114P
   FLASH MEMORY
KFG1216U2A-DED6 SAMSUNG-KFG1216U2A-DED6 Datasheet
1Mb / 114P
   FLASH MEMORY
More results

Description similaire - KFG1216U2M

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com