Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4920DY Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4920DY
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4920DY Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4920DY Datasheet HTML 1Page - Vishay Siliconix SI4920DY Datasheet HTML 2Page - Vishay Siliconix SI4920DY Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si4920DY
Vishay Siliconix
www.vishay.com
Document Number: 71008
2
18-May-04
SPECIFICATIONS (TJ = 25
°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
µA
2
V
On-State Drain Current
a
ID(on)
VDS
≥ 5 V, V
GS = 10 V
238
A
VGS = 10 V, ID = 6.9 A
0.020
0.020
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 5.8 A
0.023
0.026
Forward Transconductance
a
gfs
VDS = 15 V, ID = 6.9 A
23
25
S
Diode Forward Voltage
a
VSD
IS = 1.7 A, VGS = 0 V
0.72
V
Dynamic
b
Total Gate Charge
Qg
29
30
Gate-Source Charge
Qgs
7.5
7.5
Gate-Drain Charge
Qgd
VDS = 15 V, VGS = 10 V, ID = 6.9 A
3.5
3.5
nC
Turn-On Delay Time
td(on)
10
12
Rise Time
tr
13
10
Turn-Off Delay Time
td(off)
15
60
Fall Time
tf
VDD = 15 V, RL = 15
ID
≅ 1 A, V
GEN = 10 V, RG = 6
32
15
Ns
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/
µs
32
50
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%
b. Guaranteed by design, not subject to production testing
Documents
PDF
Complete
Click Here & Upgrade
Expanded Features
Unlimited Pages


Numéro de pièce similaire - SI4920DY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
logo
Vishay Siliconix
SI4920DY VISHAY-SI4920DY Datasheet
84Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4920DY-T1 VISHAY-SI4920DY-T1 Datasheet
225Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. E, 04-May-09
SI4920DY-T1-E3 VISHAY-SI4920DY-T1-E3 Datasheet
225Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. E, 04-May-09
logo
VBsemi Electronics Co.,...
SI4920DY-T1-E3 VBSEMI-SI4920DY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

Description similaire - SI4920DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com