Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EAPL2812YA0 Fiches technique(PDF) 9 Page - Everlight Electronics Co., Ltd

No de pièce EAPL2812YA0
Description  Side View LEDs (0.8mm)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPL2812YA0 Fiches technique(HTML) 9 Page - Everlight Electronics Co., Ltd

  EAPL2812YA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPL2812YA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPL2812YA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPL2812YA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPL2812YA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPL2812YA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPL2812YA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPL2812YA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAPL2812YA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DATASHEET
SMD  Side View LEDs (0.8mm)
EAPL2812YA0
9
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 08.May.2014. Issue No: 1
www.everlightamericas .com
than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be
careful because the damage of the product is often started at the time of the hand solder.
5. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head
soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of
the LEDs will or will not be damaged by repairing.
Application Restrictions
High reliability applications such as military/aerospace, automotive safety/security systems,
and medical equipment may require different product. If you have any concerns, please contact
Everlight before using this product in your application. This specification guarantees the quality
and performance of the product as an individual component. Do not use this product beyond the
specification described in this document.
Revision History
Rev.
Modified date
File modified contents
1
2014/05/08
New Spec


Numéro de pièce similaire - EAPL2812YA0

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
EAPL2812BA0 EVERLIGHT-EAPL2812BA0 Datasheet
301Kb / 9P
   Side View LEDs (0.8mm)
EAPL2812BA1 EVERLIGHT-EAPL2812BA1 Datasheet
624Kb / 12P
   Side View LEDs (0.8mm)
EAPL2812BA2 EVERLIGHT-EAPL2812BA2 Datasheet
484Kb / 12P
   Side view LED.
EAPL2812GA0 EVERLIGHT-EAPL2812GA0 Datasheet
311Kb / 9P
   Side View LEDs (0.8mm)
EAPL2812GA1 EVERLIGHT-EAPL2812GA1 Datasheet
352Kb / 10P
   Side view LED.
More results

Description similaire - EAPL2812YA0

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
EAPL2812BA0 EVERLIGHT-EAPL2812BA0 Datasheet
301Kb / 9P
   Side View LEDs (0.8mm)
EAPL2812BA1 EVERLIGHT-EAPL2812BA1 Datasheet
624Kb / 12P
   Side View LEDs (0.8mm)
EAPL2812GA0 EVERLIGHT-EAPL2812GA0 Datasheet
311Kb / 9P
   Side View LEDs (0.8mm)
EAPL2812RA0 EVERLIGHT-EAPL2812RA0 Datasheet
302Kb / 9P
   Side View LEDs (0.8mm)
99-113UTC-710-TR8 EVERLIGHT-99-113UTC-710-TR8 Datasheet
147Kb / 13P
   Side View White LEDs (0.8mm)
EAPL4508RGBA0 EVERLIGHT-EAPL4508RGBA0 Datasheet
338Kb / 10P
   Full Color Side View LEDs (Height 0.8mm)
RSGHB7C-C06 EVERLIGHT-RSGHB7C-C06 Datasheet
205Kb / 12P
   Full Color Side View LEDs (Height 0.8mm)
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com