Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP51L Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BAP51L
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP51L Fiches technique(HTML) 1 Page - NXP Semiconductors

  BAP51L Datasheet HTML 1Page - NXP Semiconductors BAP51L Datasheet HTML 2Page - NXP Semiconductors BAP51L Datasheet HTML 3Page - NXP Semiconductors BAP51L Datasheet HTML 4Page - NXP Semiconductors BAP51L Datasheet HTML 5Page - NXP Semiconductors BAP51L Datasheet HTML 6Page - NXP Semiconductors BAP51L Datasheet HTML 7Page - NXP Semiconductors BAP51L Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
Planar PIN diode in a SOD882 leadless ultra small SMD plastic package.
1.2 Features
s High speed switching for RF signals
s Low diode capacitance
s Low forward resistance
s Very low series inductance
s For applications up to 3 GHz
1.3 Applications
s RF attenuators and switches
2.
Pinning information
[1]
The marking bar indicates the cathode
3.
Ordering information
BAP51L
Silicon PIN diode
Rev. 01 — 11 March 2005
Product data sheet
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
Transparent
top view
sym006
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BAP51L
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882


Numéro de pièce similaire - BAP51L

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAP51LX NXP-BAP51LX Datasheet
65Kb / 8P
   Silicon PIN diode
Rev. 01-26 June 2007
BAP51LX NXP-BAP51LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP51LX PHILIPS-BAP51LX_15 Datasheet
233Kb / 9P
   Silicon PIN diode
Rev. 2-6 August 2013
logo
Quanzhou Jinmei Electro...
BAP51L JMNIC-BAP51L_15 Datasheet
56Kb / 8P
   Silicon PIN diode
BAP51L_2015 JMNIC-BAP51L_2015 Datasheet
56Kb / 8P
   Silicon PIN diode
More results

Description similaire - BAP51L

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com