Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AD8318 Datasheet(Fiches technique) 6 Page - Analog Devices

Numéro de pièce AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

 6 page
background image
AD8318
Rev. 0 | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage: VPSO, VPSI
ENBL, VSET Voltage
Input Power (Single-ended, re: 50
Ω)
Internal Power Dissipation
θ
JA
1
Maximum Junction Temperature
Operating Temperature Range
Storage Temperature Range
Lead Temperature Range
5.7 V
0 to VP
12 dBm
0.73 W
55
°C/W
125
°C
–40
°C to +85°C
–65
°C to +150°C
260
°C
1With package die paddle soldered to thermal pads with vias connecting to inner
and bottom layers
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CLY10GaAs FET Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
VLFX-825Low Pass Filter DC to 825 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
ZX60-3018GConnectorized Amplifier 50ohm 20 MHz to 3 GHz 1 2 Mini-Circuits
S3-AA22XFrequency Range: 200 MHz to 1.7 GHz 1 2 Nel Frequency Controls,inc
CLY15GaAs FET Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
VLFX-950Low Pass Filter DC to 950 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
LMX248550 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 800 MHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
292020 MHz BIPOLAR LOGARITHMIC AMPLIFIER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
VLFX-1050Low Pass Filter DC to 1050 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
291010 MHz BIPOLAR LOGARITHMIC AMPLIFIER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl