Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFX500C-3F900I Fiches technique(PDF) 11 Page - Lattice Semiconductor

No de pièce LFX500C-3F900I
Description  The ispXPGA architecture
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX500C-3F900I Fiches technique(HTML) 11 Page - Lattice Semiconductor

Back Button LFX500C-3F900I Datasheet HTML 7Page - Lattice Semiconductor LFX500C-3F900I Datasheet HTML 8Page - Lattice Semiconductor LFX500C-3F900I Datasheet HTML 9Page - Lattice Semiconductor LFX500C-3F900I Datasheet HTML 10Page - Lattice Semiconductor LFX500C-3F900I Datasheet HTML 11Page - Lattice Semiconductor LFX500C-3F900I Datasheet HTML 12Page - Lattice Semiconductor LFX500C-3F900I Datasheet HTML 13Page - Lattice Semiconductor LFX500C-3F900I Datasheet HTML 14Page - Lattice Semiconductor LFX500C-3F900I Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
11
Figure 11. ispXPGA PIO
VLI Routing Resources
The ispXPGA architecture contains a Variable-Length-Interconnect (VLI) routing technology connecting the PFUs,
PICs, and EBRs in the device. There are four types of routing resources, Global Lines, Long Lines, General Inter-
connect, and Local Lines forming the global routing structure. This allows a signal to be routed to any element in
the device with the optimal delay.
The Global Lines consist of global clock lines and a global set/reset line. These lines are routed to all elements in
the device. They are specifically designed for high speed, predictable timing regardless of fan-out. The global clock
lines can also be used as dedicated inputs.
The Long Lines consist of Horizontal and Vertical Long Lines (HLL and VLL). The VLL and HLL are tri-statable lines
spanning the entire device. These lines allow fast routing for high fan-out nets and general-purpose functions.
The General Interconnect consists of Double and Deca Lines. The Double Lines connect up to three elements (two
plus the driving element), while the Deca Lines connect up to eleven elements (ten plus the driving element).
The Local Lines are extremely fast routing paths consisting of Feedback and Direct Connect Lines. The Feedback
Lines are internal routing paths from the PFU outputs to the PFU inputs. The Direct Connect Lines connect all adja-
cent elements.
The Common Interface Block (CIB) provides the link between the logic element (PFU, PIC, or EBR) and the VLI
Routing resources. The CIB is a switch matrix that can be programmed to connect virtually any routing resource to
any input or output of the logic element.
Feed-through (FT)
OUT0
Clock (CLK)
Input Clock Enable (ICEN)
Input Set/Reset (ISR)
Global Set/Reset(GSR)
Output Clock Enable (OCEN)
PIO Input (IN)
Output Set/Reset (OSR)
PIO Output Enable(OEN)
PIO Input Enable (IEN)
OUT1
Delay
OE
From sysIO Input
To sysIO
Output
Enable
To sysIO
Output
CE
DQ
SR
CLK/LE
CE
DQ
SR
CLK/LE
CE
DQ
SR
CLK/LE
From sysHSI block
From sysHSI block
To Routing
To sysHSI
block
To sysHSI
block
Only for PIOs associated with sysHSI Blocks
Only for PIOs
Associated with
sysHSI Blocks


Numéro de pièce similaire - LFX500C-3F900I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LFX500C-3F900I LATTICE-LFX500C-3F900I Datasheet
535Kb / 115P
   ispXPGA Family
More results

Description similaire - LFX500C-3F900I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
ISPXPGA LATTICE-ISPXPGA Datasheet
535Kb / 115P
   ispXPGA Family
logo
Renesas Technology Corp
RA4M3 RENESAS-RA4M3 Datasheet
1Mb / 92P
   Armv8-M architecture with the main extension
RA6M4 RENESAS-RA6M4 Datasheet
1Mb / 109P
   Armv8-M architecture with the main extension
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
   Advanced RISC Architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com