Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFX1200B-03F900I Fiches technique(PDF) 2 Page - Lattice Semiconductor

No de pièce LFX1200B-03F900I
Description  The ispXPGA architecture
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX1200B-03F900I Fiches technique(HTML) 2 Page - Lattice Semiconductor

  LFX1200B-03F900I Datasheet HTML 1Page - Lattice Semiconductor LFX1200B-03F900I Datasheet HTML 2Page - Lattice Semiconductor LFX1200B-03F900I Datasheet HTML 3Page - Lattice Semiconductor LFX1200B-03F900I Datasheet HTML 4Page - Lattice Semiconductor LFX1200B-03F900I Datasheet HTML 5Page - Lattice Semiconductor LFX1200B-03F900I Datasheet HTML 6Page - Lattice Semiconductor LFX1200B-03F900I Datasheet HTML 7Page - Lattice Semiconductor LFX1200B-03F900I Datasheet HTML 8Page - Lattice Semiconductor LFX1200B-03F900I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
2
ispXPGA Family Overview
The ispXPGA family of devices allows the creation of high-performance logic designs that are both non-volatile and
infinitely re-programmable. Other FPGA solutions force a compromise being either re-programmable or non-vola-
tile. This family couples this capability with a mainstream architecture containing the features required for today’s
system-level design.
Electrically Erasable CMOS (E2CMOS) memory cells provide the ispXPGA family with non-volatile capability.
These allow logic to be functional microseconds after power is applied, allowing easy interfacing in many applica-
tions. This capability also means that expensive external configuration memories are not required and that designs
can be secured from unauthorized read back. Internal SRAM cells allow the device to be infinitely reconfigured if
desired. Both the SRAM and E2CMOS cells can be programmed and verified through the IEEE 1532 industry stan-
dard. Additionally, the SRAM cells can be configured and read-back through the sysCONFIG™ peripheral port.
The family spans the density and I/O range required for the majority of today’s logic designs, 139K to 1.25M system
gates and 160 to 496 I/O. The devices are available for operation from 1.8V, 2.5V, and 3.3V power supplies, provid-
ing easy integration into the overall system.
The system-level needs of designers are met through the incorporation of sysMEM dual-port memory blocks,
sysIO advanced I/O support, and sysCLOCK Phase Locked Loops (PLLs). High-speed serial communications are
supported through multiple sysHSI blocks, which provide clock data recovery (CDR) and serialization/de-serializa-
tion (SERDES).
The ispLEVER™ design tool from Lattice allows designers easy implementation of designs using the ispXPGA
product. Synthesis library support is available for the major logic synthesis tools. The ispLEVER tool takes the out-
put from these common synthesis packages and place and routes the design in the ispXPGA product. The tool
allows floor planning and the management of other constraints within the device. The tool also provides outputs to
common timing analysis tools for timing analysis.
To increase designer productivity, Lattice provides a variety of pre-designed modules referred to as IP cores for the
ispXPGA product. These IP cores allow designers to concentrate on the unique portions of their design while using
pre-designed block to implement standard functions such as bus-interfaces, standard communication-interfaces,
and memory-controllers.
Through the use of advanced technology and innovative architecture the ispXPGA FPGA devices provide design-
ers with excellent speed performance. Although design dependent, many typical designs can run at over 150MHz.
Certain designs can run at over 300MHz. Table 2 details the performance of several building blocks commonly
used by logic designers.
Table 2. ispXPGA Speed Performance for Typical Building Blocks
Function
Performance
8:1 Asynch MUX
150 MHz
1:32 Asynch Demultiplexer
125 MHz
8 x 8 2-LL Piped Multiplier
225 MHz
32-bit Up/Down Counter
290 MHz
32-bit Shift Register
360 MHz


Numéro de pièce similaire - LFX1200B-03F900I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LFX1200B-3F256C LATTICE-LFX1200B-3F256C Datasheet
535Kb / 115P
   ispXPGA Family
LFX1200B-3F256I LATTICE-LFX1200B-3F256I Datasheet
535Kb / 115P
   ispXPGA Family
LFX1200B-3F516C LATTICE-LFX1200B-3F516C Datasheet
535Kb / 115P
   ispXPGA Family
LFX1200B-3F516I LATTICE-LFX1200B-3F516I Datasheet
535Kb / 115P
   ispXPGA Family
LFX1200B-3F900C LATTICE-LFX1200B-3F900C Datasheet
535Kb / 115P
   ispXPGA Family
More results

Description similaire - LFX1200B-03F900I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
ISPXPGA LATTICE-ISPXPGA Datasheet
535Kb / 115P
   ispXPGA Family
logo
Renesas Technology Corp
RA4M3 RENESAS-RA4M3 Datasheet
1Mb / 92P
   Armv8-M architecture with the main extension
RA6M4 RENESAS-RA6M4 Datasheet
1Mb / 109P
   Armv8-M architecture with the main extension
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
   Advanced RISC Architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com