Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC164-JRI356R Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TC164-JRI356R
Description  CHIP RESISTORS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

TC164-JRI356R Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TC164-JRI356R Datasheet HTML 1Page - List of Unclassifed Manufacturers TC164-JRI356R Datasheet HTML 2Page - List of Unclassifed Manufacturers TC164-JRI356R Datasheet HTML 3Page - List of Unclassifed Manufacturers TC164-JRI356R Datasheet HTML 4Page - List of Unclassifed Manufacturers TC164-JRI356R Datasheet HTML 5Page - List of Unclassifed Manufacturers TC164-JRI356R Datasheet HTML 6Page - List of Unclassifed Manufacturers TC164-JRI356R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.yageo.com
Mar. 24, 2004 V.4
Chip Resistor Surface Mount
2
7
SERIES
TC
164
TYPE
TC164
B (mm)
0.3±0.15
H (mm)
0.5±0.15
P (mm)
0.8±0.05
L (mm)
3.2±0.20
T (mm)
0.6±0.1
W1 (mm)
0.3±0.15
W2 (mm)
1.6±0.15
Table 1
YNSC021
H
a
a
P
L
B
T
W1
W2
Fig. 2 TC164 series chip resistors construction
DIMENSION
SCHEMATIC
R1
R2
R3
R4
YNSC022
12
87
3
6
4
5
Fig. 3 Equivalent circuit diagram
For dimension see Fig. 2 and Table 1
R1=R2=R3=R4
TC164
First two digits for significant figure and
3rd digit for number of zeros
Letter R: decimal place
MARKING
Fig. 1 5% Marking, Value=56Ω
YNSC020
TC164 – X X X XX XXXX
(1) (2) (3)
(4)
(5)
(1) TOLERANCE
J = ±5%
(2) PACKAGING TYPE
R = Paper taping reel
(3) TEMPERATURE
CHARACTERISTIC OF
RESISTANCE
G = ±200ppm/°C
– = Base on spec
(4) SPECIAL TYPE
07 = 7 inch dia. Reel
13 = 13 inch dia. Reel
(5) RESISTANCE VALUE:
56R, 560R, 5K6, 56K, 1M.
SCOPE
This specification describes TC164 series chip resistors made by thick film process.
ORDERING INFORMATION
Part number is identified by the series, size, tolerance, packing style, temperature coefficient, special type and
resistance value.
Concave termination


Numéro de pièce similaire - TC164-JRI356R

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
TC164-JR-011K2L YAGEO-TC164-JR-011K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070R YAGEO-TC164-JR-070R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
TC164-JR-0710R YAGEO-TC164-JR-0710R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071K YAGEO-TC164-JR-071K Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

Description similaire - TC164-JRI356R

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com